Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV640BTXBC-12 Datasheet(PDF) 11 Page - Macronix International

Part # MX29LV640BTXBC-12
Description  64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640BTXBC-12 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29LV640BTXBC-12 Datasheet HTML 7Page - Macronix International MX29LV640BTXBC-12 Datasheet HTML 8Page - Macronix International MX29LV640BTXBC-12 Datasheet HTML 9Page - Macronix International MX29LV640BTXBC-12 Datasheet HTML 10Page - Macronix International MX29LV640BTXBC-12 Datasheet HTML 11Page - Macronix International MX29LV640BTXBC-12 Datasheet HTML 12Page - Macronix International MX29LV640BTXBC-12 Datasheet HTML 13Page - Macronix International MX29LV640BTXBC-12 Datasheet HTML 14Page - Macronix International MX29LV640BTXBC-12 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
11
P/N:PM1076
REV. 1.2, SEP. 07, 2005
MX29LV640BT/BB
Sector
Sector
Sector Address
Sector Size
(x8)
(x16)
Group
A21-A12
(Kbytes/Kwords)
Address Range
Address Range
17
SA39
0100000xxx
64/32
200000h-20FFFFh
100000h-107FFFh
17
SA40
0100001xxx
64/32
210000h-21FFFFh
108000h-10FFFFh
17
SA41
0100010xxx
64/32
220000h-22FFFFh
110000h-117FFFh
17
SA42
0100011xxx
64/32
230000h-23FFFFh
118000h-11FFFFh
18
SA43
0100100xxx
64/32
240000h-24FFFFh
120000h-127FFFh
18
SA44
0100101xxx
64/32
250000h-25FFFFh
128000h-12FFFFh
18
SA45
0100110xxx
64/32
260000h-26FFFFh
130000h-137FFFh
18
SA46
0100111xxx
64/32
270000h-27FFFFh
138000h-13FFFFh
19
SA47
0101000xxx
64/32
280000h-28FFFFh
140000h-147FFFh
19
SA48
0101001xxx
64/32
290000h-29FFFFh
148000h-14FFFFh
19
SA49
0101010xxx
64/32
2A0000h-2AFFFFh
150000h-157FFFh
19
SA50
0101011xxx
64/32
2B0000h-2BFFFFh
158000h-15FFFFh
20
SA51
0101100xxx
64/32
2C0000h-2CFFFFh
160000h-167FFFh
20
SA52
0101101xxx
64/32
2D0000h-2DFFFFh
168000h-16FFFFh
20
SA53
0101110xxx
64/32
2E0000h-2EFFFFh
170000h-177FFFh
20
SA54
0101111xxx
64/32
2F0000h-2FFFFFh
178000h-17FFFFh
21
SA55
0110000xxx
64/32
300000h-30FFFFh
180000h-187FFFh
21
SA56
0110001xxx
64/32
310000h-31FFFFh
188000h-18FFFFh
21
SA57
0110010xxx
64/32
320000h-32FFFFh
190000h-197FFFh
21
SA58
0110011xxx
64/32
330000h-33FFFFh
198000h-19FFFFh
22
SA59
0110100xxx
64/32
340000h-34FFFFh
1A0000h-1A7FFFh
22
SA60
0110101xxx
64/32
350000h-35FFFFh
1A8000h-1AFFFFh
22
SA61
0110110xxx
64/32
360000h-36FFFFh
1B0000h-1B7FFFh
22
SA62
0110111xxx
64/32
370000h-37FFFFh
1B8000h-1BFFFFh
23
SA63
0111000xxx
64/32
380000h-38FFFFh
1C0000h-1C7FFFh
23
SA64
0111001xxx
64/32
390000h-39FFFFh
1C8000h-1CFFFFh
23
SA65
0111010xxx
64/32
3A0000h-3AFFFFh
1D0000h-1D7FFFh
23
SA66
0111011xxx
64/32
3B0000h-3BFFFFh
1D8000h-1DFFFFh
24
SA67
0111100xxx
64/32
3C0000h-3CFFFFh
1E0000h-1E7FFFh
24
SA68
0111101xxx
64/32
3D0000h-3DFFFFh
1E8000h-1EFFFFh
24
SA69
0111110xxx
64/32
3E0000h-3EFFFFh
1F0000h-1F7FFFh
24
SA70
0111111xxx
64/32
3F0000h-3FFFFFh
1F8000h-1FFFFFh
25
SA71
1000000xxx
64/32
400000h-40FFFFh
200000h-207FFFh
25
SA72
1000001xxx
64/32
410000h-41FFFFh
208000h-20FFFFh
25
SA73
1000010xxx
64/32
420000h-42FFFFh
210000h-217FFFh
25
SA74
1000011xxx
64/32
430000h-43FFFFh
218000h-21FFFFh
26
SA75
1000100xxx
64/32
440000h-44FFFFh
220000h-227FFFh
26
SA76
1000101xxx
64/32
450000h-45FFFFh
228000h-22FFFFh
26
SA77
1000110xxx
64/32
460000h-46FFFFh
230000h-237FFFh
26
SA78
1000111xxx
64/32
470000h-47FFFFh
238000h-23FFFFh


Similar Part No. - MX29LV640BTXBC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BTC-12 MCNIX-MX29LV640BTC-12 Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BTC-12G MCNIX-MX29LV640BTC-12G Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BTC-90 MCNIX-MX29LV640BTC-90 Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BTC-90G MCNIX-MX29LV640BTC-90G Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BTI-12 MCNIX-MX29LV640BTI-12 Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV640BTXBC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640D MCNIX-MX29LV640D Datasheet
798Kb / 62P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV128D MCNIX-MX29LV128D Datasheet
886Kb / 73P
   128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com