Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS108-6SA-TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ACS108-6SA-TR
Description  AC switch family Transient voltage protected AC Switch (ACSTM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-6SA-TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ACS108-6SA-TR Datasheet HTML 3Page - STMicroelectronics ACS108-6SA-TR Datasheet HTML 4Page - STMicroelectronics ACS108-6SA-TR Datasheet HTML 5Page - STMicroelectronics ACS108-6SA-TR Datasheet HTML 6Page - STMicroelectronics ACS108-6SA-TR Datasheet HTML 7Page - STMicroelectronics ACS108-6SA-TR Datasheet HTML 8Page - STMicroelectronics ACS108-6SA-TR Datasheet HTML 9Page - STMicroelectronics ACS108-6SA-TR Datasheet HTML 10Page - STMicroelectronics ACS108-6SA-TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ACS108-6S
6 Revision history
11/11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2006 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - ACS108-6SA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-6SA-TR STMICROELECTRONICS-ACS108-6SA-TR Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
More results

Similar Description - ACS108-6SA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS108-8TN STMICROELECTRONICS-ACS108-8TN Datasheet
548Kb / 14P
   Overvoltage protected AC switch (ACSTM)
June 2016 Rev 1
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS108-8SN STMICROELECTRONICS-ACS108-8SN Datasheet
302Kb / 14P
   0.8 A - 800 V overvoltage protected AC switch (ACSTM)
August 2019 - Rev 2
AN1172 STMICROELECTRONICS-AN1172 Datasheet
287Kb / 23P
   A logic-level transient-voltage protected AC switch
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com