Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

222203734471 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 222203734471
Description  Aluminum Capacitors Radial Standard Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222203734471 Datasheet(HTML) 3 Page - Vishay Siliconix

  222203734471 Datasheet HTML 1Page - Vishay Siliconix 222203734471 Datasheet HTML 2Page - Vishay Siliconix 222203734471 Datasheet HTML 3Page - Vishay Siliconix 222203734471 Datasheet HTML 4Page - Vishay Siliconix 222203734471 Datasheet HTML 5Page - Vishay Siliconix 222203734471 Datasheet HTML 6Page - Vishay Siliconix 222203734471 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28310
104
Revision: 16-Nov-05
037 RSM
Vishay BCcomponents
Aluminum Capacitors
Radial Standard Miniature
Note
1. Unless otherwise specified, all electrical values in Table 2 apply
at Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE*
Electrolytic capacitor 037 series
1000
μF/16 V; ± 20 %
Nominal case size:
∅10 × 20 mm; Form TFA
Catalog number: 2222 037 35102.
* To ensure delivery of lead (Pb)-free parts during the
transition period, please contact your Vishay sales agent.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance
± 20 %
IR
rated RMS ripple current at 100 Hz, 85
°C
IL1
max. leakage current after 1 minute at UR
Tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 10 kHz
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
IR
100 Hz
85
°C
(mA)
IL1
1min
(µA)
Tan
δ
100 Hz
Z
10 kHz
(
Ω)
CATALOG NUMBER 2222 037 .....
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)
6.3
330
6.3
× 11
280
24
0.24
1.8
90021
2.5
−−
90027
5.0
90028
2.5
1000
10
× 12
530
66
0.24
0.6
53102
5.0
63102
5.0
33102
5.0
−−
1500
10
× 20
730
98
0.25
0.4
53152
5.0
63152
5.0
33152
5.0
−−
2200
12.5
× 20
990
140
0.26
0.27
53222
5.0
63222
5.0
33222
5.0
−−
3300
12.5
× 20
1150
210
0.28
0.18
53332
5.0
63332
5.0
33332
5.0
−−
10000
16
× 31
2250
630
0.42
0.07
53103
7.5
63103
7.5
33103
7.5
−−
10
100
5
× 11
140
13
0.20
4.5
54101
2.0
−−
34101
5.0
74101
2.5
150
6.3
× 11
180
18
0.20
3.0
54151
2.5
−−
34151
5.0
74151
2.5
220
6.3
× 11
250
25
0.20
2.0
90029
2.5
−−
90036
5.0
90037
2.5
470
8
× 12
410
50
0.20
0.96
54471
3.5
−−
34471
5.0
74471
3.5
1000
10
× 16
630
100
0.20
0.45
54102
5.0
64102
5.0
34102
5.0
−−
2200
12.5
× 20
1050
220
0.22
0.20
54222
5.0
64222
5.0
34222
5.0
−−
3300
12.5
× 25
1350
330
0.24
0.14
54332
5.0
64332
5.0
34332
5.0
−−
4700
16
× 25
1800
470
0.28
0.10
54472
7.5
64472
7.5
34472
7.5
−−
6800
16
× 31
2200
680
0.32
0.07
54682
7.5
64682
7.5
34682
7.5
−−
16
68
5
× 11
130
14
0.16
4.7
55689
2.0
−−
35689
5.0
75689
2.5
100
6.3
× 11
180
19
0.16
3.2
55101
2.5
−−
35101
5.0
75101
2.5
220
8
× 12
300
38
0.16
1.5
55221
3.5
−−
35221
5.0
75221
3.5
330
8
× 12
370
56
0.16
0.97
90038
3.5
−−
90045
5.0
90046
3.5
470
10
× 12
420
78
0.16
0.68
55471
5.0
65471
5.0
35471
5.0
−−
680
10
× 16
520
110
0.16
0.47
55681
5.0
65681
5.0
35681
5.0
−−
1000
10
× 20
740
160
0.16
0.32
55102
5.0
65102
5.0
35102
5.0
−−
1500
12.5
× 20
900
240
0.17
0.21
55152
5.0
65152
5.0
35152
5.0
−−
2200
12.5
× 25
1200
360
0.18
0.15
55222
5.0
65222
5.0
35222
5.0
−−
3300
16
× 25
1650
530
0.20
0.10
55332
7.5
65332
7.5
35332
7.5
−−
4700
16
× 31
2100
760
0.24
0.07
55472
7.5
65472
7.5
35472
7.5
−−


Similar Part No. - 222203734471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
More results

Similar Description - 222203734471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
038RSU VISHAY-038RSU Datasheet
133Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com