Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-14FW48DSP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JQX-14FW48DSP
Description  Single-Pole, 20A, PC Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JQX-14FW48DSP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JQX-14FW48DSP Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX-14FW48DSP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

!
 

  

0 
   1 
  2
 02
,/.**3
  3/"
4(
(
5(
(
(# 

( 2
(4  0

!
      









!
      


6
++ 

0 ),  ), C ),

 
   "+
6 
 -) 
# +* , + -? ( , 


Similar Part No. - JQX-14FW48DSP

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-14FC DBLECTRO-JQX-14FC Datasheet
280Kb / 3P
   ELECTRONIC COMPONENTS
JQX-14FC DBLECTRO-JQX-14FC Datasheet
403Kb / 4P
   NHG RELAYS
logo
HuaXinAn Electronics CO...
JQX-14FC HUAXINAN-JQX-14FC Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
JQX-14FC HUAXINAN-JQX-14FC Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
JQX-14FC HUAXINAN-JQX-14FC Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
More results

Similar Description - JQX-14FW48DSP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OMIF-S-124LM MACOM-OMIF-S-124LM Datasheet
166Kb / 2P
   20A Miniature Power PC Board Relay
OMF-S-124LM MACOM-OMF-S-124LM Datasheet
167Kb / 2P
   20A Miniature Power PC Board Relay
logo
List of Unclassifed Man...
JQX-140FF ETC1-JQX-140FF Datasheet
110Kb / 2P
   DOUBLE-POLE, 10A, PC BOARD
JQX-105F-5 ETC1-JQX-105F-5 Datasheet
112Kb / 2P
   30A 1 POLE PC BOARD TYPE
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
logo
Tyco Electronics
2-1440001-7 MACOM-2-1440001-7 Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
2-1440001-1 MACOM-2-1440001-1 Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
OSA-SS-224DM3 MACOM-OSA-SS-224DM3 Datasheet
126Kb / 2P
   2 Pole Miniature Power PC Board Relay
OSZ-SS-112DM8 MACOM-OSZ-SS-112DM8 Datasheet
49Kb / 2P
   1 Pole Miniature Power PC Board Relay
OMI2POLE MACOM-OMI2POLE Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com