Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC87C52-L16IBD Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # TSC87C52-L16IBD
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-L16IBD Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button TSC87C52-L16IBD Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-L16IBD Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-L16IBD Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-L16IBD Datasheet HTML 9Page - TEMIC Semiconductors TSC87C52-L16IBD Datasheet HTML 10Page - TEMIC Semiconductors TSC87C52-L16IBD Datasheet HTML 11Page - TEMIC Semiconductors TSC87C52-L16IBD Datasheet HTML 12Page - TEMIC Semiconductors TSC87C52-L16IBD Datasheet HTML 13Page - TEMIC Semiconductors TSC87C52-L16IBD Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TSC87C52
10
Rev. C – 10 Sept 1997
Preliminary
MATRA MHS
Programmable Clock Output
A 50% duty cycle clock can be programmed to come out on P1.0. This pin, besides being a regular I/O pin, has two
alternate functions. It can be programmed to input external clock for Timer/Counter 2 or to output a 50% duty cycle
clock from frequency fosc/218 to frequency fosc/4 (61 Hz to 4 MHz at a 16 MHz operating frequency).
The clock–out frequency depends on the oscillator frequency and the reload value of Timer 2 capture registers
RCAP2H and RCAP2L as shown in this equation:
Oscillator frequency
Clock–Out frequency=
4
⋅ (65536 – RCAP2H,RCAP2L)
To configure the Timer/Counter 2 as a clock generator, bit C/T2 in T2CON (bit location 1) must be cleared and bit T2OE
must be set. Bit TR2 in T2CON starts and stops the timer (see Figure 7). T2OE is located in T2MOD at bit location
1 (see Table 5).
In the clock–out mode, Timer 2 roll–overs will not generate an interrupt. This is similar to when Timer 2 is used as
a baud–rate generator. It is possible to use Timer 2 as a baud–rate generator and as clock generator simultaneously.
Note however, that the baud–rate and clock–out frequencies can not be determined independently from one another
since they both use RCAP2H and RCAP2L.
TR2
÷ 2
OSC
OVERFLOW
T2EX
EXF2
TH2
(8–bit)
TL2
(8–bit)
TIMER 2
INTERRUPT
EXEN2
RCAP2H
(8–bit)
RCAP2L
(8–bit)
T2OE
C/T2
T2
÷ 2
Figure 7 Timer 2 Clock–Out Mode
Table 5 T2MOD – Timer 2 Control Register (C9h)
765432
10
T2OE
DCEN
Symbol
Description
Reserved
Do not write 1 in these bits.
T2OE
Timer 2 Output Enable bit
Set to program P1.0/T2 as clock output.
Clear to program P1.0/T2 as clock input or I/O port.
DCEN
Decrement Enable bit
Set to enable Timer 2 as up/down counter.
Clear to disable Timer 2 as up/down counter.
The reset value of T2MOD is XXXX XX00b.


Similar Part No. - TSC87C52-L16IBD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C52-L16IBD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com