Electronic Components Datasheet Search |
|
TSC87C52-33CBD Datasheet(PDF) 9 Page - TEMIC Semiconductors |
|
TSC87C52-33CBD Datasheet(HTML) 9 Page - TEMIC Semiconductors |
9 / 24 page TSC87C52 9 MATRA MHS Rev. C – 10 Sept 1997 Preliminary Description Symbol REN Serial Reception Enable bit Set to enable serial reception. Clear to disable serial reception. TB8 Ninth bit to transmit in mode 2 and 3 Set to transmit a logic 1 in the 9th bit. Clear to transmit a logic 0 in the 9th bit. RB8 Ninth bit received in mode 2 and 3 Set by hardware if 9th bit received is logic 1. Clear by hardware if 9th bit received is logic 0. TI Transmit Interrupt Flag Set by hardware at the end of the 8th bit time in mode 0 or at the beginning of the stop bit in the other modes. Clear to acknowledge interrupt. RI Receive Interrupt Flag Set by hardware at the end of the 8th bit time in mode 0, see Figure 4 and Figure 5 in the other modes. Clear to acknowledge interrupt. The reset value of SCON is 0000 0000b. Timer 2 The Timer 2 in the TSC87C52 operates identically to the Timer 2 in the 80C52 but includes the following enhancements. For a complete understanding of the TSC87C52 Timer 2 please refer to the description in the 80C51 Hardware Description Guide. Auto–reload (up or down counter) Enhanced Timer 2 can now be programmed to count up or down when configured in its 16–bit auto–reload mode. This feature is controlled by the DCEN (Down Counter Enable) bit. DCEN is located in T2MOD at bit location 0 (see Table 5). Setting the DCEN bit enables Timer 2 to count up or down as shown in Figure 6. In this mode the T2EX pin controls the direction of count. A logic 1 at T2EX makes Timer 2 count up. The timer will overflow at FFFFh and set the TF2 bit. This overflow also causes the 16–bit value in RCAP2H and RCAP2L to be reloaded into the timer registers, TH2 and TL2, respectively. A logic 0 at T2EX makes Timer 2 count down. Now the timer underflows when TH2 and TL2 equal the values stored in RCAP2H and RCAP2L. The underflow sets the TF2 bit and causes FFFFh to be reloaded into the timer registers. The EXF2 bit toggles whenever Timer 2 overflows or underflows. In this operating mode, EXF2 does not flag an interrupt. COUNT DIRECTION 1= UP 0= DOWN (DOWN COUNTING RELOAD VALUE) C/T2 TF2 TR2 ÷ 12 OSC T2 T2EX EXF2 TH2 (8–bit) TL2 (8–bit) RCAP2H (8–bit) RCAP2L (8–bit) FFh (8–bit) FFh (8–bit) TOGGLE (UP COUNTING RELOAD VALUE) TIMER 2 INTERRUPT Figure 6 Timer 2 Auto–Reload Mode Up/Down Counter |
Similar Part No. - TSC87C52-33CBD |
|
Similar Description - TSC87C52-33CBD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |