Electronic Components Datasheet Search |
|
TSC87C52-33IAD Datasheet(PDF) 7 Page - TEMIC Semiconductors |
|
TSC87C52-33IAD Datasheet(HTML) 7 Page - TEMIC Semiconductors |
7 / 24 page TSC87C52 7 MATRA MHS Rev. C – 10 Sept 1997 Preliminary While the TSC87C52 is in ONCE mode, an emulator or test CPU can be used to drive the circuit. Table 2 shows the status of the port pins during ONCE mode. Normal operation is restored when normal reset is applied. Table 2 External pin status during ONCE mode ALE PSEN Port 0 Port 1 Port 2 Port 3 XTAL1/2 Weak pull–up Weak pull–up Float Weak pull–up Weak pull–up Weak pull–up Active ALE Disabling The ALE signal is used to demultiplex address and data buses on port 0 when used with external program or data memory. Nevertheless, during internal code execution, ALE signal is still generated. In order to reduce EMI, ALE signal should be disabled by setting AO bit. The AO bit is located in MSCON at bit location 0 (see Table 3). As soon as AO is set, ALE is no longer output but remains active during MOVX and MOVC instructions and external fetches. During ALE disabling, ALE pin is weakly pulled high. Table 3 MSCON – Miscellaneous Control Register (8Eh) 765432 10 – – – – – – – AO Symbol Description – Reserved Do not write 1 in these bits. AO ALE Output bit Set to disable ALE operation during internal fetches. Clear to restore ALE operation during internal fetches. The reset value of MSCON is XXXX XXX0b. UART The UART in the TSC87C52 operates identically to the UART in the 80C51 but includes the following enhancement. For a complete understanding of the TSC87C52 UART please refer to the description in the 80C51 Hardware Description Guide. Framing Error Detection Framing error detection allows the serial port to check for missing stop bits in the communication in mode 1, 2 or 3. A missing stop bit can be caused for example by noise on the serial lines or transmission by two CPUs simultaneously. If a stop bit is missing a Framing Error bit (FE) is set. The FE bit can be checked in software after each reception to detect communication errors. Once set, the FE bit must be cleared in software. A valid stop bit will not clear FE. The FE bit is located in SCON at bit location 7. It shares the same bit location as SM0 (see Table 4). The new control bit SMOD0 in PCON (see Table 1) determines whether the SM0 or FE bit is accessed (see Figure 3), so whether the framing error detection is enabled or not. If SMOD0 is set then SCON.7 functions as FE, if SMOD0 is cleared then SCON.7 functions as SM0. Once set, the FE bit must be cleared by software. A valid stop bit will not clear FE. When UART is in mode 1 (8–bit mode), RI flag is set during stop bit whether or not framing error is enabled (see Figure 4). |
Similar Part No. - TSC87C52-33IAD |
|
Similar Description - TSC87C52-33IAD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |