Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNA4620M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PNA4620M
Description  Bipolar Integrated Circuit with Photodetection Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNA4620M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PNA4620M Datasheet HTML 1Page - Panasonic Semiconductor PNA4620M Datasheet HTML 2Page - Panasonic Semiconductor PNA4620M Datasheet HTML 3Page - Panasonic Semiconductor PNA4620M Datasheet HTML 4Page - Panasonic Semiconductor PNA4620M Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PNA4611M, PNA4612M, PNA4613M, PNA4614M, PNA4620M
Photo IC
VO
GND
PD
AGC
VCC
peak hold
constant voltage
comparator
RL
(20k
Ω)
integrator
B.P.F
demodulator
amplifier
Standard reception unit
LED Transmission unit
GND
10V
PNZ323B
20cm
10k
10k
10k
10
µF
V out
V out 55mV
Block Diagram
Panasonic Transmitter Specifications
The light output of the LED transmission unit is adjusted so that the transmission output (V out) of the standard
reception unit will be 55 mV when the transmission waveform (duty = 50%) is output from the LED transmis-
sion unit. Here, infrared sensitivity (SIR) of PNZ323B is 0.53
µA when emission illuminance (H) is 12.45 µW/
cm2.
The maximum reception distance under these specifications is an assurance that TWH and TWL values will be
within the tolerance ranges when 16 consecutive pulses of an optical output equivalent to the maximum recep-
tion distance are transmitted by the above transmission unit (The maximum reception distance is measured in
the dark without external disturbance noise.)


Similar Part No. - PNA4620M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNA4601 PANASONIC-PNA4601 Datasheet
49Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
PNA4601M PANASONIC-PNA4601M Datasheet
49Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
PNA4602M PANASONIC-PNA4602M Datasheet
49Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
PNA4603H PANASONIC-PNA4603H Datasheet
21Kb / 1P
   Bipolar Integrated Circuit with Photodetection Function
PNA4608M PANASONIC-PNA4608M Datasheet
49Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
More results

Similar Description - PNA4620M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ7103 PANASONIC-PNZ7103 Datasheet
29Kb / 1P
   Bipolar Integrated Circuit with Photodetection Function
PNA4603H PANASONIC-PNA4603H Datasheet
21Kb / 1P
   Bipolar Integrated Circuit with Photodetection Function
PNA4S11M PANASONIC-PNA4S11M Datasheet
48Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
PNA4601M PANASONIC-PNA4601M Datasheet
49Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
PNA4K01F PANASONIC-PNA4K01F Datasheet
410Kb / 4P
   Bipolar Integrated Circuit with Photodetection Function
PNA4211F PANASONIC-PNA4211F Datasheet
43Kb / 2P
   Bipolar Integrated Circuit with Photodetection Function
PNA4S01M PANASONIC-PNA4S01M Datasheet
47Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
logo
NEC
UPC832 NEC-UPC832 Datasheet
100Kb / 12P
   Bipolar Analog Integrated Circuit
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
NEC
UPC1230H2 NEC-UPC1230H2 Datasheet
146Kb / 2P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com