Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT95A400 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT95A400
Description  CID Type Phone 8-Bit MCU
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95A400 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT95A400 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
HT95CXXX
CID Type Phone 8-Bit MCU
Rev. 1.50
1
May 26, 2005
Features
· Provide MASK type and OTP type version
· Operating voltage range:
- FSK: 3.0V~5.5V
- Others: 2.4V~5.5V
· Program ROM
- HT95C400/40P: 16K´16 bits
- HT95C300/30P: 8K´16 bits
- HT95C200/20P: 8K´16 bits
· Data RAM
- HT95C400/40P: 2880´8 bits
- HT95C300/30P: 2112´8 bits
- HT95C200/20P: 1152´8 bits
· Bidirectional I/O lines
- HT95C400/40P: 40~28 I/O lines
- HT95C300/30P: 28~16 I/O lines
- HT95C200/20P: 28~20 I/O lines
· 16-bit table read instructions
· Subroutine nesting
- HT95C400/40P: 12 levels
- HT95C300/30P: 8 levels
- HT95C200/20P: 8 levels
· Timer
- Two 16-bit programmable Timer/Event Counter
- Real time clock (RTC)
- Watchdog Timer (WDT)
· Programmable frequency divider (PFD)
· Dual system clock: 32768Hz, 3.58MHz
· Four operating modes: Idle mode, Sleep mode,
Green mode and Normal mode
· Up to 1.117ms instruction cycle with 3.58MHz system
clock
· All instructions in one or two machine cycles
· Built-in 3.58MHz DTMF Generator
· Built-in FSK decoder:
- Supports Bell 202 and V.23
- Supports ring and line reversal detection
· Built-in dialer I/O
· Built-in low battery detector
· LCD driver
- LCD contrast can be adjusted by software or exter-
nal resistor
- Support two LCD frame frequency 64Hz, 128Hz
- Support 16 or 8 common driver pins
- Some segments or commons can option to
bidirectional I/O lines
- HT95C400/40P: 48 seg.´16 com.
- HT95C300/30P: 48 seg.´16 com.
- HT95C200/20P: 24 seg.´16 com.
· 128-pin QFP package
Applications
· Deluxe Feature Phone
· Caller ID Phone
· Cordless Phone
· Fax and answering machines
· Other communication system
General Description
The HT95CXXX family MCU are 8-bit high performance
RISC-like microcontrollers with built-in DTMF generator,
FSK decoder and dialer I/O which provide MCU dialer
implementation or system control features for telecom
product applications. The phone controller has a built-in
program ROM, data RAM, LCD driver and I/O lines for
high end products design. In addition, for power man-
agement purpose, it has a built-in frequency up conver-
sion circuit (32768Hz to 3.58MHz) which provides dual
system clock and four types of operation modes. For ex-
ample, it can operate with low speed system clock rate
of 32768Hz in green mode with little power consump-
tion. It can also operate with high speed system clock
rate of 3.58MHz in normal mode for high performance
operation. To ensure smooth dialer function and to
avoid MCU shut-down in extreme low voltage situation,
the dialer I/O circuit is built-in to generate hardware di-
aler signals such as on-hook, hold-line and hand-free.
Built-in real time clock and programmable frequency di-
vider are provided for additional fancy features in prod-
uct developments. The device is best suited for feature
phone products that comply with versatile dialer specifi-
cation requirements of different areas or countries.


Similar Part No. - HT95A400

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95A400 HOLTEK-HT95A400 Datasheet
360Kb / 48P
   I/O Type Phone 8-Bit MCU
HT95A400 HOLTEK-HT95A400 Datasheet
364Kb / 52P
   LCD Type Phone 8-Bit MCU
HT95A400/40P HOLTEK-HT95A400/40P Datasheet
360Kb / 48P
   I/O Type Phone 8-Bit MCU
More results

Similar Description - HT95A400

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
   CID Phone 8-Bit MCU
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
   8-Bit CID Type Phone Controller MCU
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
   CID Phone 8-Bit MCU with CPT
HT95LXXX HOLTEK-HT95LXXX Datasheet
364Kb / 52P
   LCD Type Phone 8-Bit MCU
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
   I/O Type Phone 8-Bit MCU
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
   I/O Type Phone 8-bit MCU
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
   I/O Type Phone 8-bit MCU
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com