Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82K94E Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82K94E
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94E Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82K94E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
HT82K94E/HT82K94A
Rev. 1.00
9
November 22, 2005
Data Memory
- RAM for Bank 1
The special function registers used in USB interface are
located in RAM bank 1. In order to access the Bank1
register, only the Indirect addressing pointer MP1 can
be used and the Bank register BP should be set to
²1².
The mapping of RAM bank 1 is as shown.
Indirect Addressing Register
Location 00H and 02H are indirect addressing registers
that are not physically implemented. Any read/write op-
eration of [00H] ([02H]) will access data memory pointed
to by MP0 (MP1). Reading location 00H (02H) itself indi-
rectly will return the result 00H. Writing indirectly results
in no operation.
The indirect addressing pointer (MP0) always point to
Bank0 RAM addresses regardless of the value of the
Bank Register (BP).
The indirect addressing pointer (MP1) can access
Bank0 or Bank1 RAM data according to the value of BP
which is set to
²0² or ²1² respectively.
The memory pointer registers (MP0 and MP1) are 8-bit
registers.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the data memory and
can carry out immediate data operations. The data
movement between two data memory locations must
pass through the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions. The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ)
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PDF), and watchdog time-out flag
(TO). It also records the status information and controls
the operation sequence.
With the exception of the TO and PDF flags, bits in
the status register can be altered by instructions like
most other registers. Any data written into the status
register will not change the TO or PDF flag. In addi-
tion operations related to the status register may give
different results from those intended.
The TO flag can be affected only by system power-up, a
WDT time-out or executing the
²CLR WDT² or ²HALT²
instruction. The PDF flag can be affected only by ex-
ecuting the
²HALT² or ²CLR WDT² instruction or dur-
ing a system power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
Bit No.
Label
Function
0C
C is set if an operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
1AC
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by system power-up or executing the
²CLR WDT² instruction. PDF is set by
executing the
²HALT² instruction.
5TO
TO is cleared by system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is
set by a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status (0AH) Register
U n d e f i n e d , r e s e r v e d
f o r f u t u r e e x p a n s i o n
P I P E _ C T R L
A W R
S T A L L
P I P E
S I E S
M I S C
E n d p t _ E N
F I F O 0
F I F O 1
F I F O 2
F I F O 3
4 0 H
4 1 H
4 2 H
4 3 H
4 4 H
4 5 H
4 6 H
4 7 H
4 8 H
4 9 H
4 A H
4 B H
4 C H
F F H
Bank 1 RAM Mapping


Similar Part No. - HT82K94E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K94E HOLTEK-HT82K94E Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_14 Datasheet
261Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
More results

Similar Description - HT82K94E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E Datasheet
347Kb / 48P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE_12 Datasheet
325Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_14 Datasheet
261Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
HT82K96A HOLTEK-HT82K96A Datasheet
348Kb / 46P
   USB Multimedia Keyboard Encoder 8-Bit Mask MCU
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com