Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS952623YGT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS952623YGT
Description  Programmable Timing Control Hub for Next Gen P4 processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952623YGT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS952623YGT Datasheet HTML 1Page - Integrated Circuit Systems ICS952623YGT Datasheet HTML 2Page - Integrated Circuit Systems ICS952623YGT Datasheet HTML 3Page - Integrated Circuit Systems ICS952623YGT Datasheet HTML 4Page - Integrated Circuit Systems ICS952623YGT Datasheet HTML 5Page - Integrated Circuit Systems ICS952623YGT Datasheet HTML 6Page - Integrated Circuit Systems ICS952623YGT Datasheet HTML 7Page - Integrated Circuit Systems ICS952623YGT Datasheet HTML 8Page - Integrated Circuit Systems ICS952623YGT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS952623
Advance Information
0758—02/08/05
Absolute Max
Symbol
Parameter
Min
Max
Units
VDD_A
3.3V Core Supply Voltage
VDD + 0.5V
V
VDD_In
3.3V Logic Input Supply Voltage
GND - 0.5
VDD + 0.5V
V
Ts
Storage Temperature
-65
150
°C
Tambient
Ambient Operating Temp
0
70
°C
Tcase
Case Temperature
115
°C
ESD prot
Input ESD protection
human body model
2000
V
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage
VIH
3.3 V +/-5%
2
VDD + 0.3
V
Input MID Voltage
VMID
3.3 V +/-5%
1
1.8
V
Input Low Voltage
VIL
3.3 V +/-5%
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
uA
IIL1
VIN = 0 V; Inputs with no pull-
up resistors
-5
uA
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
uA
Operating Supply Current
IDD3.3OP
Full Active, CL = Full load;
350
mA
all diff pairs driven
35
mA
all differential pairs tri-stated
12
mA
Input Frequency
3
Fi
VDD = 3.3 V
14.31818
MHz
3
Pin Inductance
1
Lpin
7nH
1
CIN
Logic Inputs
5
pF
1
COUT
Output pin capacitance
6
pF
1
CINX
X1 & X2 pins
5
pF
1
Clk Stabilization
1,2
TSTAB
From VDD Power-Up or de-
assertion of PD# to 1st clock
1.8
ms
1,2
Modulation Frequency
Triangular Modulation
30
33
kHz
1
Tdrive_SRC
SRC output enable after
PCI_Stop# de-assertion
15
ns
1
Tdrive_PD#
CPU output enable after
PD# de-assertion
300
us
1
Tfall_Pd#
PD# fall time of
5
ns
1
Trise_Pd#
PD# rise time of
5
ns
2
Tdrive_CPU_Stop#
CPU output enable after
CPU_Stop# de-assertion
10
us
1
Tfall_CPU_Stop#
PD# fall time of
5
ns
1
Trise_CPU_Stop#
PD# rise time of
5
ns
2
1Guaranteed by design, not 100% tested in production.
2See timing diagrams for timing requirements.
IDD3.3PD
3 Input frequency should be measured at the REF output pin and tuned to ideal 14.31818MHz to meet
ppm frequency accuracy on PLL outputs.
Input Capacitance
1
Input Low Current
Powerdown Current


Similar Part No. - ICS952623YGT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS952623YGLFT RENESAS-ICS952623YGLFT Datasheet
439Kb / 29P
   Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results

Similar Description - ICS952623YGT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
   Programmable Timing Control Hub for Next Gen P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
   Programmable Timing Control Hub for Next Gen P4 processor
ICS952621 ICST-ICS952621 Datasheet
198Kb / 15P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
   Programmable Timing Control Hub for Next Gen P4 processor
953002CFLF ICST-953002CFLF Datasheet
285Kb / 35P
   Programmable Timing Control Hub for Next Gen P4 processor
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com