Electronic Components Datasheet Search |
|
80SQ045NRL Datasheet(PDF) 1 Page - ON Semiconductor |
|
80SQ045NRL Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 4 page © Semiconductor Components Industries, LLC, 2006 May, 2006 − Rev. 3 1 Publication Order Number: 80SQ045N/D 80SQ045N Preferred Device Axial Lead Rectifier These devices employ the Schottky Barrier principle in a large area metal−to−silicon power diode. State−of−the−art geometry features epitaxial construction with oxide passivation and metal overlap contact. Ideally suited for use as rectifiers in low−voltage, high−frequency inverters, free wheeling diodes, and polarity protection diodes. Features • High Current Capability • Low Stored Charge, Majority Carrier Conduction • Low Power Loss/High Efficiency • Highly Stable Oxide Passivated Junction • Guard−Ring for Stress Protection • Low Forward Voltage • High Surge Capacity • These are Pb−Free Devices* Mechanical Characteristics: • Case: Epoxy, Molded • Weight: 1.1 Gram (Approximately) • Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable • Lead and Mounting Surface Temperature for Soldering Purposes: 220 °C Max. for 10 Seconds, 1/16″ from Case • Polarity: Cathode indicated by Polarity Band • ESD Protection: Human Body Model > 4000 V (Class 3) Machine Model > 400 V (Class C) MAXIMUM RATINGS Rating Symbol Max Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 45 V Average Rectified Forward Current TL = 75°C (PsiJL = 12°C/W, P.C. Board Mounting, Note 2) IO 8.0 A Non−Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) IFSM 140 A Operating and Storage Junction Tempera- ture Range (Reverse Voltage Applied) TJ, Tstg −65 to +125 °C Voltage Rate of Change (Rated VR) dv/dt 10 V/ns Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. Device Package Shipping† ORDERING INFORMATION AXIAL LEAD CASE 267−05 (DO−201AD) STYLE 1 SCHOTTKY BARRIER RECTIFIER 8.0 AMPERES Preferred devices are recommended choices for future use and best overall value. 80SQ045N Axial Lead* 500 Units/Box 80SQ045NRL Axial Lead* MARKING DIAGRAM 80SQ 045N YYWW G G YY = Year WW = Work Week G = Pb−Free Package 80SQ045NRLG Axial Lead* 1500/Tape & Reel 1500/Tape & Reel 80SQ045NG Axial Lead* 500 Units/Box (Note: Microdot may be in either location) †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. http://onsemi.com |
Similar Part No. - 80SQ045NRL |
|
Similar Description - 80SQ045NRL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |