Electronic Components Datasheet Search |
|
TSC87C52-33CAR Datasheet(PDF) 8 Page - TEMIC Semiconductors |
|
TSC87C52-33CAR Datasheet(HTML) 8 Page - TEMIC Semiconductors |
8 / 24 page TSC87C52 8 Rev. C – 10 Sept 1997 Preliminary MATRA MHS When in mode 2 and 3 (9–bit mode), RI flag is set during stop bit if framing error is enabled or during ninth bit if not (see Figure 5). RI TI RB8 TB8 REN SM2 SM1 SM0/FE IDL PD GF0 GF1 POF – SMOD0 SMOD1 To UART framing error control SM0 to UART mode control Set FE bit if stop bit is 0 (framing error) Figure 3 Framing error block diagram Data byte RI SMOD0=X Stop bit Start bit RXD D7 D6 D5 D4 D3 D2 D1 D0 FE SMOD0=1 Figure 4 Enhanced UART timing diagram in mode 1 RI SMOD0=0 Data byte Ninth bit Stop bit Start bit RXD D8 D7 D6 D5 D4 D3 D2 D1 D0 RI SMOD0=1 FE SMOD0=1 Figure 5 Enhanced UART timing diagram in mode 2 and 3 Table 4 SCON – Serial Control Register (98h) 765432 10 SM0/FE SM1 SM2 REN TB8 RB8 TI RI Symbol Description FE SM0 Framing Error bit (SMOD0 bit set) Set by hardware when an invalid stop bit is detected. Clear to reset the error state, not cleared by a valid stop bit. Serial Mode bit 0 (SMOD0 bit cleared) Used with SM1 to select serial mode. SM1 Serial Mode bit 1 Used with SM0 to select serial mode. SM2 Multiprocessor Communication Enable bit Set to enable multiprocessor communication feature in mode 2 and 3. Clear to disable multiprocessor communication feature. |
Similar Part No. - TSC87C52-33CAR |
|
Similar Description - TSC87C52-33CAR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |