Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL220 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSL220
Description  LIGHT-TO-FREQUENCY CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL220 Datasheet(HTML) 4 Page - Texas Instruments

  TSL220 Datasheet HTML 1Page - Texas Instruments TSL220 Datasheet HTML 2Page - Texas Instruments TSL220 Datasheet HTML 3Page - Texas Instruments TSL220 Datasheet HTML 4Page - Texas Instruments TSL220 Datasheet HTML 5Page - Texas Instruments TSL220 Datasheet HTML 6Page - Texas Instruments TSL220 Datasheet HTML 7Page - Texas Instruments TSL220 Datasheet HTML 8Page - Texas Instruments TSL220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TSL220
LIGHT-TO-FREQUENCY CONVERTER
SOES003 – AUGUST 1990 – REVISED JUNE 1991
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
0.1
0.01
1
10
100
1000
OUTPUT FREQUENCY
vs
IRRADIANCE
1
10
100
1000
VCC = 5 V
λ = 930 nm
TA = 25° C
C = 27 pF
C = 470 pF
C = 0.1
µF
Ee – Irradiance – µW/cm2
Figure 5
0.9
0.8
0.7
0.6
1 M
100 k
10 k
1 k
100
10
1.0
1.1
NORMALIZED OUTPUT FREQUENCY
vs
LOAD RESISTANCE
1.2
RL – Load Resistance – Ω
VCC = 5 V
C = 100 pF
TA = 25° C
1.3
0.5
10
1
0.01
0.001
0.1
0.01
0.1
1
10
100
C – Capacitance – nF
OUTPUT FREQUENCY
vs
EXTERNAL CAPACITOR VALUE
VCC = 5 V
TA = 25° C
100
0.001
1000
Figure 6
1.0
0.9
0.7
–20 –10
0
10
20
30
1.1
1.3
NORMALIZED OUTPUT FREQUENCY
vs
FREE-AIR TEMPERATURE
40
50
60
70
0.8
1.2
TA – Free-Air Temperature – °C
VCC = 5 V
C = 100 pF
Ee = 75 µW/cm2
1.4
0.6
–30
Light Source: Tungsten Filament Lamp
Figure 7


Similar Part No. - TSL220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL201 ETC-TSL201 Datasheet
99Kb / 8P
   64 X 1 LINEAR SENSOR ARRAY
logo
TEXAS ADVANCED OPTOELEC...
TSL2014 TAOS-TSL2014 Datasheet
184Kb / 10P
   896 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL2014 AMSCO-TSL2014 Datasheet
602Kb / 11P
   896X1 LINEAR SENSOR ARRAY
TSL201CL AMSCO-TSL201CL Datasheet
759Kb / 15P
   64  1 LINEAR SENSOR ARRAY
logo
List of Unclassifed Man...
TSL201R ETC-TSL201R Datasheet
99Kb / 8P
   64 X 1 LINEAR SENSOR ARRAY
More results

Similar Description - TSL220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSL235 TI-TSL235 Datasheet
80Kb / 6P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TSL235R ETC-TSL235R Datasheet
83Kb / 8P
   LIGHTTOFREQUENCY CONVERTER
logo
ams AG
TSL235R AMSCO-TSL235R_V01 Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
logo
TEXAS ADVANCED OPTOELEC...
TSL235R TAOS-TSL235R Datasheet
153Kb / 10P
   LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL235 AMSCO-TSL235 Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
TSL235R AMSCO-TSL235R Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
logo
Texas Instruments
TSL245 TI-TSL245 Datasheet
83Kb / 6P
[Old version datasheet]   INFRARED LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3200 TAOS-TCS3200 Datasheet
165Kb / 14P
   COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL245 AMSCO-TSL245 Datasheet
595Kb / 11P
   INFRARED LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL245R TAOS-TSL245R Datasheet
157Kb / 10P
   INFRARED LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com