Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAK-VA Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PAK-VA
Description  310 Ivy Glen Court
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-VA Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PAK-VA Datasheet HTML 4Page - List of Unclassifed Manufacturers PAK-VA Datasheet HTML 5Page - List of Unclassifed Manufacturers PAK-VA Datasheet HTML 6Page - List of Unclassifed Manufacturers PAK-VA Datasheet HTML 7Page - List of Unclassifed Manufacturers PAK-VA Datasheet HTML 8Page - List of Unclassifed Manufacturers PAK-VA Datasheet HTML 9Page - List of Unclassifed Manufacturers PAK-VA Datasheet HTML 10Page - List of Unclassifed Manufacturers PAK-VA Datasheet HTML 11Page - List of Unclassifed Manufacturers PAK-VA Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Notes
The EQUAL and PROP commands affect all
channels
When using EQUAL, the time period is about
512uS, so a duty cycle of 1 will generate a 2uS
pulse every 512uS. A duty cycle of 128 will
generate a 256uS pulse every 512uS.
PROP PWM uses a 2uS time base. A duty
cycle of 1 will generate a 2uS pulse every
512uS. However, a duty cycle of 128 wil
generate a 2uS pulse every 4uS.
Typical Circuits and Software
Connecting the Pak to its external components is
simple. Supply 5V to Vdd and ground the Vss
pins. Connect the two outer pins of the ceramic
resonator to the RES1 and RES2 pins (the order
does not matter). Ground the center pin of the
resonator. If using the original PAK-V, place a
33K resistor between the RES1 and RES2 pins
(the PAK-Va does not require this resistor).
Connect the RESET pin to 5V. For the simplest
mode of operation leave ENABLE open and
jumper B9600 and RXINV for the operating mode
you desire. Of course, you'll also need to connect
the RX pin to the host microprocessor.
If you are using the Basic Stamp you'll have no


Similar Part No. - PAK-VA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
   310 Ivy Glen Court
More results

Similar Description - PAK-VA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
   310 Ivy Glen Court
PAK-I ETC1-PAK-I Datasheet
140Kb / 28P
   310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
logo
Bel Fuse Inc.
SS-7388H66S-PG3-AD BEL-SS-7388H66S-PG3-AD Datasheet
222Kb / 2P
   R.D. 2, BOX 2020 GLEN ROCK, PENNSYLVANIA 17327
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
   VPP16-310
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
   VIM-310
logo
List of Unclassifed Man...
OSD070TN84 ETC2-OSD070TN84 Datasheet
979Kb / 27P
   310 Genius Drive
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
   310 mAmps, 60 Volts
logo
List of Unclassifed Man...
EASYBOARD-882E ETC2-EASYBOARD-882E Datasheet
1Mb / 2P
   Wide-Range Temperature 3.5" Intel짰 Ivy Bridge i7-3517UE Compact Board
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com