Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLM1314-8F Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FLM1314-8F
Description  X, Ku-Band Internally Matched FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLM1314-8F Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FLM1314-8F Datasheet HTML 1Page - Eudyna Devices Inc FLM1314-8F Datasheet HTML 2Page - Eudyna Devices Inc FLM1314-8F Datasheet HTML 3Page - Eudyna Devices Inc FLM1314-8F Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FLM1314-8F
X, Ku-Band Internally Matched FET
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180
°
+90
°
0
°
-90
°
S21
S12
SCALE FOR |S21|
0.1
0.2
10
1
2
3
4
14.5
14.5
14.3
14.3
14.1
14.1
13.7
13.9
13.9
13.7
14.7
14.7
13.55 GHz
13.55 GHz
14.5
13.7
13.9
13.9
14.3
14.3
14.5
13.7
14.7
14.7
14.1
14.1
13.55 GHz
13.55 GHz
S-PARAMETERS
VDS = 10V, IDS = 2400mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
13550
.514
64.8
2.077
154.3
.075
143.1
.350
4.6
13600
.493
59.1
2.103
148.7
.079
137.6
.337
-2.7
13650
.470
53.7
2.133
143.3
.083
131.6
.330
-11.2
13700
.443
48.0
2.171
137.5
.085
125.0
.323
-19.0
13750
.418
41.5
2.191
131.9
.088
121.5
.314
-27.5
13800
.393
35.1
2.211
126.4
.091
114.0
.306
-36.2
13850
.367
29.6
2.237
120.7
.093
110.2
.301
-44.3
13900
.339
22.7
2.261
115.1
.095
104.0
.296
-52.8
13950
.313
15.0
2.274
109.3
.093
99.3
.294
-61.3
14000
.290
7.7
2.292
103.6
.099
93.5
.292
-69.1
14050
.260
-0.2
2.302
97.9
.098
87.7
.286
-78.1
14100
.232
-9.4
2.304
92.1
.101
83.2
.284
-86.2
14150
.206
-19.3
2.308
86.2
.102
76.4
.282
-94.9
14200
.184
-31.9
2.307
80.3
.103
69.4
.281
-103.8
14250
.160
-45.5
2.301
74.6
.104
64.4
.284
-112.6
14300
.148
-62.2
2.297
68.5
.103
59.7
.285
-120.6
14350
.138
-81.2
2.281
62.8
.106
53.5
.285
-128.9
14400
.139
-98.7
2.254
57.0
.103
48.6
.285
-137.1
14450
.146
-117.3
2.225
51.4
.104
41.5
.288
-144.6
14500
.165
-133.8
2.197
45.7
.105
36.1
.289
-151.9
14550
.186
-146.0
2.163
39.9
.105
31.0
.286
-160.0
14600
.213
-156.8
2.128
34.5
.103
25.8
.287
-166.3
14650
.236
-165.0
2.083
28.9
.100
21.7
.292
-172.7
14700
.262
-172.3
2.042
23.6
.102
15.4
.293
-179.0


Similar Part No. - FLM1314-8F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1314-12F EUDYNA-FLM1314-12F Datasheet
308Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-18F EUDYNA-FLM1314-18F Datasheet
113Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1314-3F EUDYNA-FLM1314-3F Datasheet
308Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
   X, Ku-Band Internally Matched FET
More results

Similar Description - FLM1314-8F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
   X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-6F EUDYNA-FLM1011-6F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
   X, Ku-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM8596-4F ETC1-FLM8596-4F Datasheet
305Kb / 4P
   X, Ku-Band Internally Matched FET
FLM8596-8F ETC-FLM8596-8F Datasheet
251Kb / 4P
   X, Ku-Band Internally Matched FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com