Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLM1314-6F Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FLM1314-6F
Description  X, Ku-Band Internally Matched FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLM1314-6F Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FLM1314-6F Datasheet HTML 1Page - Eudyna Devices Inc FLM1314-6F Datasheet HTML 2Page - Eudyna Devices Inc FLM1314-6F Datasheet HTML 3Page - Eudyna Devices Inc FLM1314-6F Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FLM1314-6F
X, Ku-Band Internally Matched FET
POWER DERATING CURVE
50
0
100
150
200
Case Temperature (
°C)
40
30
20
10
OUTPUT POWER & IM3 vs. INPUT POWER
VDS=10V
f1 = 14.5 GHz
f2 = 14.51 GHz
2-tone test
18
22
20
26
24
28
Input Power (S.C.L.) (dBm)
S.C.L.: Single Carrier Level
-20
-10
-30
-40
-50
30
28
26
32
34
24
IM3
Pout
13.9
13.7
14.1
14.3
14.5
34
32
36
38
Frequency (GHz)
OUTPUT POWER vs. FREQUENCY
VDS = 10V
P1dB
Pin = 32dBm
30dBm
28dBm
26dBm
24
22
26
28
30
32
34
30
32
36
38
30
15
Input Power (dBm)
ηadd
Pout
OUTPUT POWER vs. INPUT POWER
VDS = 10V
f = 1415 GHz


Similar Part No. - FLM1314-6F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1314-12F EUDYNA-FLM1314-12F Datasheet
308Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-18F EUDYNA-FLM1314-18F Datasheet
113Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1314-3F EUDYNA-FLM1314-3F Datasheet
308Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-8F EUDYNA-FLM1314-8F Datasheet
302Kb / 4P
   X, Ku-Band Internally Matched FET
More results

Similar Description - FLM1314-6F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-6F EUDYNA-FLM1011-6F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
   X, Ku-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM8596-4F ETC1-FLM8596-4F Datasheet
305Kb / 4P
   X, Ku-Band Internally Matched FET
FLM8596-8F ETC-FLM8596-8F Datasheet
251Kb / 4P
   X, Ku-Band Internally Matched FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com