Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLD5F20CE-E9580 Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FLD5F20CE-E9580
Description  1,550nm MI DFB Laser with Integrated Wavelength Locker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F20CE-E9580 Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FLD5F20CE-E9580 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F20CE-E9580 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F20CE-E9580 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F20CE-E9580 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F20CE-E9580 Datasheet HTML 5Page - Eudyna Devices Inc FLD5F20CE-E9580 Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Parameter
Symbol
OPTICAL & ELECTRICAL CHARACTERISTICS (Continued)
(Laser Temperature TL= Tset, Top = 25°C, BOL, unless otherwise specified)
Unit
Limits
Max.
Type
Min.
Test Condition
TEC Capacity
∆T
°C
-
70-Tset
-
PTEC=5.2W, IF=Iop
TEC Current
ITEC
A
1.3
--
IF=Iop,
∆T=(70-Tset)[°C]
TEC Voltage
VTEC
V
4.0
--
IF=Iop,
∆T=(70-Tset)[°C]
TEC Power Dissipation
PTEC
W
5.2
--
IF=Iop
Thermistor Resistance
Rth
k
10.5
9.5
-
TL=25
°C
Thermistor B Constant
BK
3630
3270
3450
Power Monitor Current
Im1
mA
1.5
0.04
-
CW, IF=Iop, Vm=Vo,
VDR=5V
Wavelength Monitor Current
Im2
mA
1.5
0.04
-
CW, IF=Iop, Vm=Vo,
VDR=5V
nA
100
-2
Power Monitor Dark Current
Id1
VDR=5V
Im2 Peak-Bottom Ratio
Im2peak/
Im2bottom
dB
4.0
2.0
-
∆λ
Wavelength Difference
between Lock Point and
Im2 peak (Note 4)
GHz
44.0
-
6.0
RF Return Loss
S11
DC to 5GHz, Vm=Vo, IF=Iop,
50
Ω Test Set
5 to 10GHz, Vm=Vo, IF=Iop,
50
Ω Test Set
-dB
8-
-dB
5-
pF
15
-2
Power Monitor Diode
Capacitance
Ct1
VDR=5V, f=10MHz
pF
15
-2
Wavelength Monitor
Diode Capacitance
Ct2
VDR=5V, f=10MHz
nA
100
-2
Wavelength Monitor
Dark Current
Id2
VDR=5V
Note 1. Eudyna Test System, 9.95328Gb/s, PRBS=223-1, IF=Iop, Vm=Vo and (Vo-Vmod)
Note 2. Eudyna Test System, 9.95328Gb/s, PRBS=223-1, IF=Iop, Vm=Vo and (Vo-Vmod),
Dispersion=1600ps/nm
Dispersion Penalty at Bit-Error-Rate=1.0E-10
Note 3: See Table 1 Wavelength Table
FLD5F20CE-E
1,550nm MI DFB Laser
with Integrated Wavelength Locker


Similar Part No. - FLD5F20CE-E9580

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D18 EUDYNA-FLD5F20NP-D18 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D19 EUDYNA-FLD5F20NP-D19 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
More results

Similar Description - FLD5F20CE-E9580

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Agere Systems
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com