Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL1570 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LL1570
Description  Transformers for splitting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LL1570 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LL1570 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers for splitting
LL1570 and LL1570XL
The LL1570 is designed for splitting signals in application where large ground differences may appear, but is also very
useful as a general purpose audio transformer. By careful design, the capacative coupling between the different part of
the transformer is kept to a minimum. The three-section winding structure which is necessary for decoupling also results
in a very high bandwidth. The transformer is built up from two coils, each with primary and secondary windings
separated by electrostatic shields, and a high permeability mu-metal core. The two coil structure in combination with the
mu-metal can results in high immunity to external magnetic fields.
In the LL1570XL, the core is about 45% larger than in the LL1570, resulting in a larger level capability.
Turns ratio:
1 + 1 : 1 + 1
Pin layout (viewed from component side) and winding schematics:
Spacing between
pins
Spacing between
rows of pins
Offset of earth pin from
adjacent row:
Recommended
PCB hole diameter:
5.08 mm (0.2")
27.94 mm (1.1")
2.54 mm (0.1")
1.5 mm
LL1570
LL1570XL
Dimensions (Max. L x W x H above PCB(mm))
38 x 24 x 17
38 x 24 x 20.5
Weight:
48 g
65 g
Static resistance of each primary:
50
62
Static resistance of each secondary:
50
62
Distortion (primary level, primaries connected
0.1% @ + 6 dBU, 50 Hz
0.1% @ + 9 dBU, 50 Hz
in series, source impedance 800
Ω )
1 % < @ +16 dBU, 50 Hz
1 % < @ +19 dBU, 50 Hz
Self resonance point :
> 250 kHz
> 250 kHz
Optimum load for best square-wave response
(secondaries. in series):
2.8 k
Ω in series with 0.7 nF
2.8 k
Ω in series with 0.7 nF
Frequency response (source 600
Ω, load as
above, serial-serial connections):
10 Hz -- 200 kHz +/- 0.5 dB
10 Hz -- 200 kHz +/- 0.5 dB
Isolation winding-winding / winding-shield /
shield-shield
4 kV / 2 kV / 2 kV
4 kV / 2 kV / 2 kV
Parallel-parallel connection (1 : 1)
(e.g. mic input)
Serial-serial connection (1 : 1)
for line input or output
Parallel-serial connection (1 : 2)
(e.g. mic. input)
E1
EP
3
2
1
8
7
6
4
5
E2
+
+
E1
EP
3
2
1
8
7
6
4
5
E2
+
+
E1
EP
3
2
1
8
7
6
4
5
E2
+
+
Parallel-split connection with separate grounds (1 : 1 + 1)
3
2
1
8
7
6
4
5
E2
EP
+
+
+
E1
R980616
3
2
1
8
7
6
4
5
E1
E2
EP
 
 
Tibeliusgatan 7
International
Domestic
S-761 50 NORRTÄLJE
Phone
+46 - 176 13930
0176-13930
SWEDEN
Fax
+46 - 176 13935
0176-13935
EP = Can and core
E 2
E 1
2
1
3
4
6
5
7
8
LL1570
(top view)


Similar Part No. - LL1570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL1574 ETC1-LL1574 Datasheet
22Kb / 1P
   AES - DATS conversion transformer
LL1575 ETC1-LL1575 Datasheet
21Kb / 1P
   Video Isolation Transformer LL1575
More results

Similar Description - LL1570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL1581XL ETC1-LL1581XL Datasheet
32Kb / 2P
   Splitting Transformer
logo
Hubbell Incorporated.
BR851A HUBBELL-BR851A Datasheet
246Kb / 1P
   Splitting Y Adapter
BR851D HUBBELL-BR851D Datasheet
247Kb / 1P
   Splitting Y Adapter
BR851341B HUBBELL-BR851341B Datasheet
246Kb / 1P
   Splitting Y Adapter
BR851241A HUBBELL-BR851241A Datasheet
246Kb / 1P
   Splitting Y Adapter
logo
TDK Electronics
VGT TDK-VGT Datasheet
136Kb / 4P
   SMD transformers for automotive grade Transformers for BMS
20200109
logo
Sumida Corporation
CEP1110 SUMIDA-CEP1110 Datasheet
60Kb / 1P
   Transformers for LT8301
logo
TDK Electronics
VMT40DR-201S2P4 TDK-VMT40DR-201S2P4 Datasheet
240Kb / 3P
   Transformers for BMS
logo
Pulse A Technitrol Comp...
C203 PULSE-C203 Datasheet
316Kb / 3P
   RF TRANSFORMERS Transformers for Wideband RF Applications
logo
TOKO, Inc
617DB-1673 TOKO-617DB-1673 Datasheet
197Kb / 1P
   Transformers for Frequency Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com