Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JGX-39F05D2208 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JGX-39F05D2208
Description  AC250V 4/6/8/10 Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JGX-39F05D2208 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JGX-39F05D2208 Datasheet HTML 1Page - List of Unclassifed Manufacturers JGX-39F05D2208 Datasheet HTML 2Page - List of Unclassifed Manufacturers JGX-39F05D2208 Datasheet HTML 3Page - List of Unclassifed Manufacturers JGX-39F05D2208 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
  
  
 

Photo isolation
600V blocking voltage
2000V isolation
Zero voltage turn-on
Built-in RC snubber
PCB mount

























 !"#"!#

$%!&'
(""))*+
*, !
- #."! "
/
 '
'" 0."  #",1
2 03""1
 3

44
")
#!"
"!"!# 
)5")36 03" 1
)""
")44
#"#"#!
7" 

6 6
6  6
86
6
6
)

 
6
)
8
9#
/#
: :;<
/ 4!&!= )#
>)"
33?6
$&#+
/ 4!&!= )#
@ )"
( )"@
8=



Similar Part No. - JGX-39F05D2208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JGX-31F ETC1-JGX-31F Datasheet
107Kb / 3P
   AC250/380V 12/20Amp
JGX-31FD2210 ETC1-JGX-31FD2210 Datasheet
107Kb / 3P
   AC250/380V 12/20Amp
JGX-31FD2210P ETC1-JGX-31FD2210P Datasheet
107Kb / 3P
   AC250/380V 12/20Amp
JGX-31FD2220 ETC1-JGX-31FD2220 Datasheet
107Kb / 3P
   AC250/380V 12/20Amp
JGX-31FD2220P ETC1-JGX-31FD2220P Datasheet
107Kb / 3P
   AC250/380V 12/20Amp
More results

Similar Description - JGX-39F05D2208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JGC-5F ETC1-JGC-5F Datasheet
80Kb / 2P
   AC250V 3Amp
JGX-40FA ETC1-JGX-40FA Datasheet
90Kb / 3P
   AC250V 2Amp
R25-11D10-12 ETC2-R25-11D10-12 Datasheet
513Kb / 1P
   8 Amp, 10 Amp & 16 Amp PC Mountable Relays.
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
   RELAY - NONLATCH 6 PDT, 10 AMP
FCPS-24S6 ETC2-FCPS-24S6 Datasheet
395Kb / 3P
   6-Amp and 8-Amp 24-Volt Remote Power Supplies
logo
Qorvo, Inc
QPA1013D QORVO-QPA1013D Datasheet
367Kb / 15P
   6??8 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGB2010 TRIQUINT-TGB2010 Datasheet
283Kb / 7P
   6, 7, 8, 9, 10 & 11 GHz Filters
logo
PHOENIX CONTACT
1722561 PHOENIX-1722561 Datasheet
67Kb / 3P
   PCB terminal block - ZFKDSA 4-10- 6
logo
Leach International Cor...
KA-A1F LEACH-KA-A1F Datasheet
699Kb / 5P
   RELAY – NONLATCH – AC COIL 4 PDT, 10 AMP
logo
Frequency Devices, Inc.
D70L8B FREQUENCYDEVICES-D70L8B Datasheet
672Kb / 14P
   DIP Filters 8-, 6-, 4-Pole Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com