Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL033MBTI-10R Datasheet(PDF) 5 Page - Macronix International

Part # MX29GL033MBTI-10R
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MBTI-10R Datasheet(HTML) 5 Page - Macronix International

  MX29GL033MBTI-10R Datasheet HTML 1Page - Macronix International MX29GL033MBTI-10R Datasheet HTML 2Page - Macronix International MX29GL033MBTI-10R Datasheet HTML 3Page - Macronix International MX29GL033MBTI-10R Datasheet HTML 4Page - Macronix International MX29GL033MBTI-10R Datasheet HTML 5Page - Macronix International MX29GL033MBTI-10R Datasheet HTML 6Page - Macronix International MX29GL033MBTI-10R Datasheet HTML 7Page - Macronix International MX29GL033MBTI-10R Datasheet HTML 8Page - Macronix International MX29GL033MBTI-10R Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
5
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A23-A16
(Kbytes/Kwords)
Address Range
Address Range
SA0
00000000
64/32
000000-00FFFF
000000-007FFF
SA1
00000001
64/32
010000-01FFFF
008000-00FFFF
SA2
00000010
64/32
020000-02FFFF
010000-017FFF
SA3
00000011
64/32
030000-03FFFF
018000-01FFFF
SA4
00000100
64/32
040000-04FFFF
020000-027FFF
SA5
00000101
64/32
050000-05FFFF
028000-02FFFF
SA6
00000110
64/32
060000-06FFFF
030000-037FFF
SA7
00000111
64/32
070000-07FFFF
038000-03FFFF
SA8
00001000
64/32
080000-08FFFF
040000-047FFF
SA9
00001001
64/32
090000-09FFFF
048000-04FFFF
SA10
00001010
64/32
0A0000-0AFFFF
050000-057FFF
SA11
00001011
64/32
0B0000-0BFFFF
058000-05FFFF
SA12
00001100
64/32
0C0000-0CFFFF
060000-067FFF
SA13
00001101
64/32
0D0000-0DFFFF
068000-06FFFF
SA14
00001110
64/32
0E0000-0EFFFF
070000-077FFF
SA15
00001111
64/32
0F0000-0FFFFF
078000-07FFFF
SA16
00010000
64/32
100000-10FFFF
080000-087FFF
SA17
00010001
64/32
110000-11FFFF
088000-08FFFF
SA18
00010010
64/32
120000-12FFFF
090000-097FFF
SA19
00010011
64/32
130000-13FFFF
098000-09FFFF
SA20
00010100
64/32
140000-14FFFF
0A0000-0A7FFF
SA21
00010101
64/32
150000-15FFFF
0A8000-0AFFFF
SA22
00010110
64/32
160000-16FFFF
0B0000-0B7FFF
SA23
00010111
64/32
170000-17FFFF
0B8000-0BFFFF
SA24
00011000
64/32
180000-18FFFF
0C0000-0C7FFF
SA25
00011001
64/32
190000-19FFFF
0C8000-0CFFFF
SA26
00011010
64/32
1A0000-1AFFFF
0D0000-0D7FFF
SA27
00011011
64/32
1B0000-1BFFFF
0D8000-0DFFFF
SA28
00011100
64/32
1C0000-1CFFFF
0E0000-0E7FFF
SA29
00011101
64/32
1D0000-1DFFFF
0E8000-0EFFFF
SA30
00011110
64/32
1E0000-1EFFFF
0F0000-0F7FFF
SA31
00011111
64/32
1F0000-1FFFFF
0F8000-0FFFFF
SA32
00100000
64/32
200000-20FFFF
100000-107FFF
SA33
00100001
64/32
210000-21FFFF
108000-10FFFF
SA34
00100010
64/32
220000-22FFFF
110000-117FFF
SA35
00100011
64/32
230000-23FFFF
118000-11FFFF
SA36
00100100
64/32
240000-24FFFF
120000-127FFF
SA37
00100101
64/32
250000-25FFFF
128000-12FFFF
SA38
00100110
64/32
260000-26FFFF
130000-137FFF
MX29LA129M H/L SECTOR ADDRESS TABLE


Similar Part No. - MX29GL033MBTI-10R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MBTI-70G MCNIX-MX29GL033MBTI-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBTI-70G MCNIX-MX29GL033MBTI-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBTI-70Q MCNIX-MX29GL033MBTI-70Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBTI-70Q MCNIX-MX29GL033MBTI-70Q Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBTI-90G MCNIX-MX29GL033MBTI-90G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MBTI-10R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com