Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JGX-40F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JGX-40F
Description  DC50V 2Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JGX-40F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JGX-40F Datasheet HTML 1Page - List of Unclassifed Manufacturers JGX-40F Datasheet HTML 2Page - List of Unclassifed Manufacturers JGX-40F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

&'&  &&
(& 
 & & 
          
        
        
    
     
         
  !   
       "  
 #    #   
$%     
&  '()*+, -    
    .+/   
      %%
)
&        
%         
 %  
 
  %  + 
!0+  #
1       
   '()*+,     
    "  
      $  "
   %  
 % 
#*+#" ", -

)$
.)$
.
%
/ %  %  0 1 .
"!+2+!+# #3

%

.
.
.
0
 4+## 5""63) #*+
#" "
( 73"!5""63)"!
5""" +
1
.


Similar Part No. - JGX-40F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JGX-40FA ETC1-JGX-40FA Datasheet
90Kb / 3P
   AC250V 2Amp
JGX-40FA05D2202 ETC1-JGX-40FA05D2202 Datasheet
90Kb / 3P
   AC250V 2Amp
JGX-40FA05D2202P ETC1-JGX-40FA05D2202P Datasheet
90Kb / 3P
   AC250V 2Amp
JGX-40FA12D2202 ETC1-JGX-40FA12D2202 Datasheet
90Kb / 3P
   AC250V 2Amp
JGX-40FA12D2202P ETC1-JGX-40FA12D2202P Datasheet
90Kb / 3P
   AC250V 2Amp
More results

Similar Description - JGX-40F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JGX-40FA ETC1-JGX-40FA Datasheet
90Kb / 3P
   AC250V 2Amp
logo
International Rectifier
20CJQ100 IRF-20CJQ100 Datasheet
182Kb / 4P
   SCHOTTKY RECTIFIER, 2Amp
20CJQ045 IRF-20CJQ045 Datasheet
180Kb / 4P
   SCHOTTKY RECTIFIER, 2Amp
20CJQ030 IRF-20CJQ030 Datasheet
182Kb / 4P
   SCHOTTKY RECTIFIER, 2Amp
logo
Solid States Devices, I...
SDA117 SSDI-SDA117 Datasheet
212Kb / 2P
   2AMP BRIDGE RECTIFIER ASSEMBLY
logo
SeCoS Halbleitertechnol...
SEF201A SECOS-SEF201A_15 Datasheet
340Kb / 2P
   2AMP High Efficiency Recovery Rectifiers
MB240F-C SECOS-MB240F-C Datasheet
293Kb / 2P
   2Amp Surface Mount Bridge Rectifiers
logo
Sirectifier Global Corp...
SB2100E SIRECT-SB2100E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2100H SIRECT-SB2100H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2150 SIRECT-SB2150 Datasheet
222Kb / 2P
   Power Schottky Rectifier - 2Amp 150~200Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com