Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLL21E180IU Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FLL21E180IU
Description  High Voltage - High Power GaAs FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLL21E180IU Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FLL21E180IU Datasheet HTML 1Page - Eudyna Devices Inc FLL21E180IU Datasheet HTML 2Page - Eudyna Devices Inc FLL21E180IU Datasheet HTML 3Page - Eudyna Devices Inc FLL21E180IU Datasheet HTML 4Page - Eudyna Devices Inc FLL21E180IU Datasheet HTML 5Page - Eudyna Devices Inc FLL21E180IU Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
High Voltage Operation : VDS=28V
High Gain: 15.0dB(typ.) at Pout=46dBm(Avg.)
Broad Frequency Range : 2100 to 2200MHz
Proven Reliability
DESCRIPTION
The FLL21E180IU is a high power GaAs FET that offers
high efficiency, ease of matching, greater consistency and
broad bandwidth for high power L-band amplifiers.
This device is target for high voltage, low current operation in
digitally modulated base station. This product is ideally suited
for W-CDMA base station amplifiers while offering high gain long
term reliability and ease for use.
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Condition
Rating
Unit
Drain-Source Voltage
VDS
32
V
Gate-Source Voltage
VGS
Tc=25 oC
-3
V
Total Power Dissipation
Pt
230
W
Storage Temperature
Tstg
-65 to +175
oC
Channel Temperature
Tch
200
oC
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25 oC)
Item
Symbol
Condition
Limit
Unit
min.
Typ.
Max.
Pinch-Off Voltage
Vp
VDS=5V IDS=150mA
-0.1
-0.2
-0.5
V
Gate-Source Breakdown Voltage
VGSO
IGS=-1.5mA
-5
V
3rd Order Inter modulation Distortion
IM3
VDS=28V
-
-34
-30
dBc
Power Gain
Gp
IDS(DC)=1.7A
14.0
15.0
-
dB
Drain Efficiency
ηd
Pout=46dBm(Avg.)
-
26.0
-
%
Adjacent Channel Leakage Power Ratio
ACLR
note
-
-35
-
dBc
Thermal Resistance
Rth
Channel to Case
-
0.55
0.65
oC /W
Note 1 : IM3 ACLR and Gain test condition as follows:
IM3 & Gain : fo=2.1325GHz, f1=2.1475GHz W-CDMA(3GPP3.4 12-00) BS-164ch
non clipping modulation measured over 3.84MHz at fo-15MHz and fI+15MHz.
ACLR : fo=2.1325GHz W-CDMA(3GPP3.4 12-00) BS-1 64ch non clipping modulation,
measured over 3.84MHz at fo+/-5MHz.
Edition 1.2
Mar 2004
1
RECOMMENDED OPERATING CONDITION(Case Temperature Tc=25 oC)
Item
Symbol
Condition
Limit
Unit
DC Input Voltage
VDS
<28
V
Forward Gate Current
IGF
RG=1
<705
mA
Reverse Gate Current
IGR
RG=1
>-64
mA
Channel Temperature
Tch
155
oC
FLL21E180IU
High Voltage - High Power GaAs FET


Similar Part No. - FLL21E180IU

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E135IX EUDYNA-FLL21E135IX Datasheet
299Kb / 7P
   L,S-band High Power GaAs FET
More results

Similar Description - FLL21E180IU

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E010MK EUDYNA-FLL21E010MK Datasheet
308Kb / 6P
   High Voltage - High Power GaAs FET
logo
List of Unclassifed Man...
FLC317MG-4 ETC1-FLC317MG-4 Datasheet
481Kb / 5P
   High Voltage - High Power GaAs FET
logo
Eudyna Devices Inc
FLL400IK-2 EUDYNA-FLL400IK-2 Datasheet
61Kb / 3P
   High Voltage - High Power GaAs FET
FLL21E040IK EUDYNA-FLL21E040IK Datasheet
371Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E004ME EUDYNA-FLL21E004ME Datasheet
252Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E090IK EUDYNA-FLL21E090IK Datasheet
338Kb / 6P
   High Voltage - High Power GaAs FET
FLL310IQ-3A EUDYNA-FLL310IQ-3A Datasheet
376Kb / 5P
   High Voltage - High Power GaAs FET
FLL400IK-2C EUDYNA-FLL400IK-2C Datasheet
60Kb / 3P
   High Voltage - High Power GaAs FET
logo
Advanced Semiconductor
MSC8004 ASI-MSC8004 Datasheet
18Kb / 1P
   HIGH POWER GaAs FET
logo
Mitsubishi Electric Sem...
MGF1601B-01 MITSUBISHI-MGF1601B-01 Datasheet
288Kb / 4P
   High-power GaAs FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com