Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLD5F20CE-E9280 Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FLD5F20CE-E9280
Description  1,550nm MI DFB Laser with Integrated Wavelength Locker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F20CE-E9280 Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FLD5F20CE-E9280 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F20CE-E9280 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F20CE-E9280 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F20CE-E9280 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F20CE-E9280 Datasheet HTML 5Page - Eudyna Devices Inc FLD5F20CE-E9280 Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Parameter
Symbol
OPTICAL & ELECTRICAL CHARACTERISTICS
(Laser Temperature TL= Tset, Top = 25°C, BOL, unless otherwise specified)
Unit
Limits
Max.
Type
Min.
On Level Modulation Voltage
Vo
V
-0.7
0
-
Tunability
-
Channel
--
1
Laser Set Temperature
Tset
°C
15
35
-
Test Condition
Sidemode Suppression Ratio
SSR
dB
-
35
-
Note (1)
Kink
K-
No Kink
Ith+5mA to 1.5 x Iop
Mode Hops
--
No Mode Hops
Ith+5mA to 1.5 x Iop
Relative Intensity Noise
RIN
dB/Hz
-120
--
10MHz to 8.5GHz, Vm=Vo,
IF=Iop, 8% Reflection
Spectral Width
∆Wp
nm
0.04
--
0.30
--
Note (1), -3dB, FWHM
Note (1), -20dB, FWHM
Transmission Penalty due
to Dispersion
Pd
Note (2)
dB
2.0
--
Optical Isolation
Is
dB
-
25
35
Tc=-20 to +70
°C
Threshold Current
Ith
mA
-30
-
CW, Vm=Vo
Threshold Power
Pth
µW
-75
-
CW, IF=Ith, Vm=Vo
Output Power
Pf
dBm
-2.0
-
-
Note (1)
Operating Current
Iop
mA
40
100
-
CW, IF=Iop
Forward Voltage
VF
V
-
2.0
1.4
Modulator Drive Voltage
Vmod
Vpp
-
2.6
-
(Vo-Vmod)>-3.3V, Rext=10dB
∆G
In Band Ripple
IF=Iop, 0.1 to 10GHz,
Vm=Vo-0.5|Vmod|
dB
+1.0
-
-1.0
-
Wavelength Stability
with Case Temperature
pm/
°C
+0.2
-
-0.2
-
Wavelength Drift
(After 20 Years)
pm
25
-
-25
Peak Wavelength
Wp
Note (3)
Note (1)
nm
Cutoff Frequency
fc
GHz
-
-
10
-3dB, IF=Iop, Vm=Vo-0.5|Vmod|
Rise/Fall Time
Tr, Tf
ps
25
-20
IF=Iop, Vm=Vo, 20% to 80%
Tracking Error
TE
CW, IF=Iop, Vm=Vop,
Im-APC,Tc=-20 to +70
°C
+0.5
dB
-0.5
-
RF Extinction Ratio
Rext
IF=Iop, Vm=Vo at On-Level
Vm=Vo-Vmod at Off-Level
-dB
10
-
FLD5F20CE-E
1,550nm MI DFB Laser
with Integrated Wavelength Locker


Similar Part No. - FLD5F20CE-E9280

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D18 EUDYNA-FLD5F20NP-D18 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D19 EUDYNA-FLD5F20NP-D19 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
More results

Similar Description - FLD5F20CE-E9280

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Agere Systems
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com