Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV065MTTC-90Q Datasheet(PDF) 7 Page - Macronix International

Part # MX29LV065MTTC-90Q
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV065MTTC-90Q Datasheet(HTML) 7 Page - Macronix International

Back Button MX29LV065MTTC-90Q Datasheet HTML 3Page - Macronix International MX29LV065MTTC-90Q Datasheet HTML 4Page - Macronix International MX29LV065MTTC-90Q Datasheet HTML 5Page - Macronix International MX29LV065MTTC-90Q Datasheet HTML 6Page - Macronix International MX29LV065MTTC-90Q Datasheet HTML 7Page - Macronix International MX29LV065MTTC-90Q Datasheet HTML 8Page - Macronix International MX29LV065MTTC-90Q Datasheet HTML 9Page - Macronix International MX29LV065MTTC-90Q Datasheet HTML 10Page - Macronix International MX29LV065MTTC-90Q Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
7
P/N:PM1134
REV. 1.1, FEB. 08, 2006
MX29LV128M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A22-A15
(Kbytes/Kwords)
Address Range
Address Range
SA80
01010000
64/32
500000-0FFFF
280000-87FFF
SA81
01010001
64/32
510000-1FFFF
288000-8FFFF
SA82
01010010
64/32
520000-2FFFF
290000-97FFF
SA83
01010011
64/32
530000-3FFFF
298000-9FFFF
SA84
01010100
64/32
540000-4FFFF
2A0000-A7FFF
SA85
01010101
64/32
550000-5FFFF
2A8000-AFFFF
SA86
01010110
64/32
560000-6FFFF
2B0000-B7FFF
SA87
01010111
64/32
570000-7FFFF
2B8000-BFFFF
SA88
01011000
64/32
580000-8FFFF
2C0000-C7FFF
SA89
01011001
64/32
590000-9FFFF
2C8000-CFFFF
SA90
01011010
64/32
5A0000-AFFFF
2D0000-D7FFF
SA91
01011011
64/32
5B0000-BFFFF
2D8000-DFFFF
SA92
01011100
64/32
5C0000-CFFFF
2E0000-E7FFF
SA93
01011101
64/32
5D0000-DFFFF
2E8000-EFFFF
SA94
01011110
64/32
5E0000-EFFFF
2F0000-F7FFF
SA95
01011111
64/32
5F0000-FFFFF
2F8000-FFFFF
SA96
01100000
64/32
600000-0FFFF
300000-07FFF
SA97
01100001
64/32
610000-1FFFF
308000-0FFFF
SA98
01100010
64/32
620000-2FFFF
310000-17FFF
SA99
01100011
64/32
630000-3FFFF
318000-1FFFF
SA100
01100100
64/32
640000-4FFFF
320000-27FFF
SA101
01100101
64/32
650000-5FFFF
328000-2FFFF
SA102
01100110
64/32
660000-6FFFF
330000-37FFF
SA103
01100111
64/32
670000-7FFFF
338000-3FFFF
SA104
01101000
64/32
680000-8FFFF
340000-47FFF
SA105
01101001
64/32
690000-9FFFF
348000-4FFFF
SA106
01101010
64/32
6A0000-AFFFF
350000-57FFF
SA107
01101011
64/32
6B0000-BFFFF
358000-5FFFF
SA108
01101100
64/32
6C0000-CFFFF
360000-67FFF
SA109
01101101
64/32
6D0000-DFFFF
368000-6FFFF
SA110
01101110
64/32
6E0000-EFFFF
370000-77FFF
SA111
01101111
64/32
6F0000-FFFFF
378000-7FFFF
SA112
01110000
64/32
700000-0FFFF
380000-87FFF
SA113
01110001
64/32
710000-1FFFF
388000-8FFFF
SA114
01110010
64/32
720000-2FFFF
390000-97FFF
SA115
01110011
64/32
730000-3FFFF
398000-9FFFF
SA116
01110100
64/32
740000-4FFFF
3A0000-A7FFF
SA117
01110101
64/32
750000-5FFFF
3A8000-AFFFF
SA118
01110110
64/32
760000-6FFFF
3B0000-B7FFF
SA119
01110111
64/32
770000-7FFFF
3B8000-BFFFF
SA120
01111000
64/32
780000-8FFFF
3C0000-C7FFF


Similar Part No. - MX29LV065MTTC-90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV065MTTC-90G MCNIX-MX29LV065MTTC-90G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV065MTTC-90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com