Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV065MTMC-90Q Datasheet(PDF) 9 Page - Macronix International

Part # MX29LV065MTMC-90Q
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV065MTMC-90Q Datasheet(HTML) 9 Page - Macronix International

Back Button MX29LV065MTMC-90Q Datasheet HTML 5Page - Macronix International MX29LV065MTMC-90Q Datasheet HTML 6Page - Macronix International MX29LV065MTMC-90Q Datasheet HTML 7Page - Macronix International MX29LV065MTMC-90Q Datasheet HTML 8Page - Macronix International MX29LV065MTMC-90Q Datasheet HTML 9Page - Macronix International MX29LV065MTMC-90Q Datasheet HTML 10Page - Macronix International MX29LV065MTMC-90Q Datasheet HTML 11Page - Macronix International MX29LV065MTMC-90Q Datasheet HTML 12Page - Macronix International MX29LV065MTMC-90Q Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
9
P/N:PM1134
REV. 1.1, FEB. 08, 2006
MX29LV128M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A22-A15
(Kbytes/Kwords)
Address Range
Address Range
SA162
10100010
64/32
A20000-2FFFF
510000-17FFF
SA163
10100011
64/32
A30000-3FFFF
518000-1FFFF
SA164
10100100
64/32
A40000-4FFFF
520000-27FFF
SA165
10100101
64/32
A50000-5FFFF
528000-2FFFF
SA166
10100110
64/32
A60000-6FFFF
530000-37FFF
SA167
10100111
64/32
A70000-7FFFF
538000-3FFFF
SA168
10101000
64/32
A80000-8FFFF
540000-47FFF
SA169
10101001
64/32
A90000-9FFFF
548000-4FFFF
SA170
10101010
64/32
AA0000-AFFFF
550000-57FFF
SA171
10101011
64/32
AB0000-BFFFF
558000-5FFFF
SA172
10101100
64/32
AC0000-CFFFF
560000-67FFF
SA173
10101101
64/32
AD0000-DFFFF
568000-6FFFF
SA174
10101110
64/32
AE0000-EFFFF
570000-77FFF
SA175
10101111
64/32
AF0000-FFFFF
578000-7FFFF
SA176
10110000
64/32
B00000-0FFFF
580000-87FFF
SA177
10110001
64/32
B10000-1FFFF
588000-8FFFF
SA178
10110010
64/32
B20000-2FFFF
590000-97FFF
SA179
10110011
64/32
B30000-3FFFF
598000-9FFFF
SA180
10110100
64/32
B40000-4FFFF
5A0000-A7FFF
SA181
10110101
64/32
B50000-5FFFF
5A8000-AFFFF
SA182
10110110
64/32
B60000-6FFFF
5B0000-B7FFF
SA183
10110111
64/32
B70000-7FFFF
5B8000-BFFFF
SA184
10111000
64/32
B80000-8FFFF
5C0000-C7FFF
SA185
10111001
64/32
B90000-9FFFF
5C8000-CFFFF
SA186
10111010
64/32
BA0000-AFFFF
5D0000-D7FFF
SA187
10111011
64/32
BB0000-BFFFF
5D8000-DFFFF
SA188
10111100
64/32
BC0000-CFFFF
5E0000-E7FFF
SA189
10111101
64/32
BD0000-DFFFF
5E8000-EFFFF
SA190
10111110
64/32
BE0000-EFFFF
5F0000-F7FFF
SA191
10111111
64/32
BF0000-FFFFF
5F8000-FFFFF
SA192
11000000
64/32
C00000-0FFFF
600000-07FFF
SA193
11000001
64/32
C10000-1FFFF
608000-0FFFF
SA194
11000010
64/32
C20000-2FFFF
610000-17FFF
SA195
11000011
64/32
C30000-3FFFF
618000-1FFFF
SA196
11000100
64/32
C40000-4FFFF
620000-27FFF
SA197
11000101
64/32
C50000-5FFFF
628000-2FFFF
SA198
11000110
64/32
C60000-6FFFF
630000-37FFF
SA199
11000111
64/32
C70000-7FFFF
638000-3FFFF
SA200
11001000
64/32
C80000-8FFFF
640000-47FFF
SA201
11001001
64/32
C90000-9FFFF
648000-4FFFF
SA202
11001010
64/32
CA0000-AFFFF
650000-57FFF


Similar Part No. - MX29LV065MTMC-90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV065MTMC-90Q MCNIX-MX29LV065MTMC-90Q Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV065MTMC-90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com