Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL065MTTI-70Q Datasheet(PDF) 6 Page - Macronix International

Part # MX29GL065MTTI-70Q
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL065MTTI-70Q Datasheet(HTML) 6 Page - Macronix International

Back Button MX29GL065MTTI-70Q Datasheet HTML 2Page - Macronix International MX29GL065MTTI-70Q Datasheet HTML 3Page - Macronix International MX29GL065MTTI-70Q Datasheet HTML 4Page - Macronix International MX29GL065MTTI-70Q Datasheet HTML 5Page - Macronix International MX29GL065MTTI-70Q Datasheet HTML 6Page - Macronix International MX29GL065MTTI-70Q Datasheet HTML 7Page - Macronix International MX29GL065MTTI-70Q Datasheet HTML 8Page - Macronix International MX29GL065MTTI-70Q Datasheet HTML 9Page - Macronix International MX29GL065MTTI-70Q Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
6
P/N:PM1134
REV. 1.1, FEB. 08, 2006
MX29LV128M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A22-A15
(Kbytes/Kwords)
Address Range
Address Range
SA39
00100111
64/32
270000-7FFFF
138000-3FFFF
SA40
00101000
64/32
280000-8FFFF
140000-47FFF
SA41
00101001
64/32
290000-9FFFF
148000-4FFFF
SA42
00101010
64/32
2A0000-AFFFF
150000-57FFF
SA43
00101011
64/32
2B0000-BFFFF
158000-5FFFF
SA44
00101100
64/32
2C0000-CFFFF
160000-67FFF
SA45
00101101
64/32
2D0000-DFFFF
168000-6FFFF
SA46
00101110
64/32
2E0000-EFFFF
170000-77FFF
SA47
00101111
64/32
2F0000-FFFFF
178000-7FFFF
SA48
00110000
64/32
300000-0FFFF
180000-87FFF
SA49
00110001
64/32
310000-1FFFF
188000-8FFFF
SA50
00110010
64/32
320000-2FFFF
190000-97FFF
SA51
00110011
64/32
330000-3FFFF
198000-9FFFF
SA52
00110100
64/32
340000-4FFFF
1A0000-A7FFF
SA53
00110101
64/32
350000-5FFFF
1A8000-AFFFF
SA54
00110110
64/32
360000-6FFFF
1B0000-B7FFF
SA55
00110111
64/32
370000-7FFFF
1B8000-BFFFF
SA56
00111000
64/32
380000-8FFFF
1C0000-C7FFF
SA57
00111001
64/32
390000-9FFFF
1C8000-CFFFF
SA58
00111010
64/32
3A0000-AFFFF
1D0000-D7FFF
SA59
00111011
64/32
3B0000-BFFFF
1D8000-DFFFF
SA60
00111100
64/32
3C0000-CFFFF
1E0000-E7FFF
SA61
00111101
64/32
3D0000-DFFFF
1E8000-EFFFF
SA62
00111110
64/32
3E0000-EFFFF
1F0000-F7FFF
SA63
00111111
64/32
3F0000-FFFFF
1F8000-FFFFF
SA64
01000000
64/32
400000-0FFFF
200000-07FFF
SA65
01000001
64/32
410000-1FFFF
208000-0FFFF
SA66
01000010
64/32
420000-2FFFF
210000-17FFF
SA67
01000011
64/32
430000-3FFFF
218000-1FFFF
SA68
01000100
64/32
440000-4FFFF
220000-27FFF
SA69
01000101
64/32
450000-5FFFF
228000-2FFFF
SA70
01000110
64/32
460000-6FFFF
230000-37FFF
SA71
01000111
64/32
470000-7FFFF
238000-3FFFF
SA72
01001000
64/32
480000-8FFFF
240000-47FFF
SA73
01001001
64/32
490000-9FFFF
248000-4FFFF
SA74
01001010
64/32
4A0000-AFFFF
250000-57FFF
SA75
01001011
64/32
4B0000-BFFFF
258000-5FFFF
SA76
01001100
64/32
4C0000-CFFFF
260000-67FFF
SA77
01001101
64/32
4D0000-DFFFF
268000-6FFFF
SA78
01001110
64/32
4E0000-EFFFF
270000-77FFF
SA79
01001111
64/32
4F0000-FFFFF
278000-7FFFF


Similar Part No. - MX29GL065MTTI-70Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL065MTTI-70Q MCNIX-MX29GL065MTTI-70Q Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL065MTTI-70Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com