Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48C50 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT48C50
Description  8-Bit Microcontroller Series
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C50 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48C50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Pin Description of HT48C30
Pin Name
I/O
Mask
Option
Function
PA0~PA7
I/O
Wake-up
Pull-high
or None
Bidirectional 8-bit input/output ports
Each bit can be configured as a wake-up input by mask option.
Software instructions determine the CMOS output or schmitt
trigger input with or without a pull high resistor (by mask option).
PB0~PB7
I/O
Pull-high
or None
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or schmitt
trigger input with or without a pull high resistor (by mask
option).
VSS
Negative power supply, GND
INT
I
External interrupt schmitt trigger input with a pull high
resistor. Edge triggered is activated on a high to low transition.
TMR
I
Schmitt trigger input for timer/event counter
PC0~PC5
I/O
Pull-high
or None
Bidirectional 6-bit input/output ports
Software instructions determine the CMOS output or schmitt
trigger input with or without a pull high resistor (by mask
option).
RES
I
Schmitt trigger reset input, active low
VDD
Positive power supply
OSC1
OSC2
I
O
Crystal or
RC
OSC1 and OSC2 are connected to an RC network or a crystal
(by mask option) for the internal system clock. In the case of RC
operation, OSC2 is the output terminal for 1/4 system clock.
HT48CXX/HT48RXX
7
25th May ’99


Similar Part No. - HT48C50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48C50-1 HOLTEK-HT48C50-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48C50-1 HOLTEK-HT48C50-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48C50

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com