Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV065MTTC-70Q Datasheet(PDF) 2 Page - Macronix International

Part # MX29LV065MTTC-70Q
Description  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV065MTTC-70Q Datasheet(HTML) 2 Page - Macronix International

  MX29LV065MTTC-70Q Datasheet HTML 1Page - Macronix International MX29LV065MTTC-70Q Datasheet HTML 2Page - Macronix International MX29LV065MTTC-70Q Datasheet HTML 3Page - Macronix International MX29LV065MTTC-70Q Datasheet HTML 4Page - Macronix International MX29LV065MTTC-70Q Datasheet HTML 5Page - Macronix International MX29LV065MTTC-70Q Datasheet HTML 6Page - Macronix International MX29LV065MTTC-70Q Datasheet HTML 7Page - Macronix International MX29LV065MTTC-70Q Datasheet HTML 8Page - Macronix International MX29LV065MTTC-70Q Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
2
P/N:PM1136
REV. 1.1, AUG. 11, 2005
MX29LV320M H/L
with in-circuit electrical erasure and programming. The
MX29LV320M H/L uses a command register to manage
this functionality.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and program
mechanisms. In addition, the combination of advanced
tunnel oxide processing and low internal electric fields
for erase and programming operations produces reliable
cycling. The MX29LV320M H/L uses a 2.7V to 3.6V
VCC supply to perform the High Reliability Erase and
auto Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamperes on
address and data pin from -1V to VCC + 1V.
AUTOMATIC PROGRAMMING
The MX29LV320M H/L is byte/word/page programmable
using the Automatic Programming algorithm. The Auto-
matic Programming algorithm makes the external sys-
tem do not need to have time out sequence nor to verify
the data programmed.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm require the user
to only write program set-up commands (including 2 un-
lock write cycle and A0H) and a program command (pro-
gram data and address). The device automatically times
the programming pulse width, provides the program veri-
fication, and counts the number of sequences. A status
bit similar to DATA# polling and a status bit toggling be-
tween consecutive read cycles, provide feedback to the
user as to the status of the programming operation.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 50 ms erase pulses
according to MXIC's Automatic Chip Erase algorithm. The
Automatic Erase algorithm automatically programs the
entire array prior to electrical erase. The timing and veri-
fication of electrical erase are controlled internally within
the device.
AUTOMATIC SECTOR ERASE
The MX29LV320M H/L is sector(s) erasable using MXIC's
Auto Sector Erase algorithm. Sector erase modes allow
sectors of the array to be erased in one erase cycle. The
Automatic Sector Erase algorithm automatically programs
the specified sector(s) prior to electrical erase. The tim-
ing and verification of electrical erase are controlled inter-
nally within the device.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using stan-
dard microprocessor write timings. The device will auto-
matically pre-program and verify the entire array. Then
the device automatically times the erase pulse width,
provides the erase verification, and counts the number
of sequences. A status bit toggling between consecu-
tive read cycles provides feedback to the user as to the
status of the programming operation.
Register contents serve as inputs to an internal state-
machine which controls the erase and programming cir-
cuitry. During write cycles, the command register inter-
nally latches address and data needed for the program-
ming and erase operations. During a system write cycle,
addresses are latched on the falling edge, and data are
latched on the rising edge of WE# .
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality, reli-
ability, and cost effectiveness. The MX29LV320M H/L
electrically erases all bits simultaneously using Fowler-
Nordheim tunneling. The bytes are programmed by us-
ing the EPROM programming mechanism of hot elec-
tron injection.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. During a Sector Erase
cycle, the command register will only respond to Erase
Suspend command. After Erase Suspend is completed,
the device stays in read mode. After the state machine
has completed its task, it will allow the command regis-
ter to respond to its full command set.


Similar Part No. - MX29LV065MTTC-70Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV065MTTC-70Q MCNIX-MX29LV065MTTC-70Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV065MTTC-70Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com