Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHX13LG Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FHX13LG
Description  Super Low Noise HEMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX13LG Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FHX13LG Datasheet HTML 1Page - Eudyna Devices Inc FHX13LG Datasheet HTML 2Page - Eudyna Devices Inc FHX13LG Datasheet HTML 3Page - Eudyna Devices Inc FHX13LG Datasheet HTML 4Page - Eudyna Devices Inc FHX13LG Datasheet HTML 5Page - Eudyna Devices Inc FHX13LG Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FHX13LG, FHX14LG
Super Low Noise HEMT
Gas
OUTPUT POWER vs. INPUT POWER
FHX13LG
f=12GHz
VDS=2V
IDS=10mA
-10
-5
0
5
10
Input Power (dBm)
15
25
10
5
NF & Gas vs. TEMPERATURE
FHX13LG
f=12GHz
VDS=2V
IDS=10mA
100
200
0
300
400
Ambient Temperature (°K)
1.5
1.0
0.5
15
10
5
NF & Gas vs. IDS
FHX13LG
3.0
2.5
2.0
1.5
1.0
0.5
f=12GHz
VDS=2V
VDS=2V
IDS=10mA
14
12
10
9
11
13
10
20
30
Drain Current (mA)
NF & Gas vs. FREQUENCY
FHX13LG
2
1
3
0
10
5
15
0
46
8 10 12
20
Frequency (GHz)
NF
Gas
Gas
NF
NF


Similar Part No. - FHX13LG

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FHX13X EUDYNA-FHX13X Datasheet
64Kb / 4P
   GaAs FET & HEMT Chips
More results

Similar Description - FHX13LG

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FHC40LG EUDYNA-FHC40LG Datasheet
87Kb / 5P
   Super Low Noise HEMT
FHX76LP EUDYNA-FHX76LP Datasheet
87Kb / 5P
   Super Low Noise HEMT
logo
Fujitsu Component Limit...
FHX04LG FUJITSU-FHX04LG Datasheet
116Kb / 5P
   Super Low Noise HEMT
logo
Mitsubishi Electric Sem...
MGF4951A MITSUBISHI-MGF4951A Datasheet
182Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF491XG MITSUBISHI-MGF491XG Datasheet
19Kb / 3P
   SUPER LOW NOISE InGaAs HEMT
MGF4941AL MITSUBISHI-MGF4941AL Datasheet
124Kb / 6P
   SUPER LOW NOISE InGaAs HEMT
MGF4961B MITSUBISHI-MGF4961B Datasheet
111Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF431XG MITSUBISHI-MGF431XG Datasheet
33Kb / 3P
   Super Low Noise InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A_04 Datasheet
184Kb / 5P
   SUPER LOW NOISE InGaAs HEMT
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com