Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL065MTTC-90G Datasheet(PDF) 8 Page - Macronix International

Part # MX29GL065MTTC-90G
Description  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL065MTTC-90G Datasheet(HTML) 8 Page - Macronix International

Back Button MX29GL065MTTC-90G Datasheet HTML 4Page - Macronix International MX29GL065MTTC-90G Datasheet HTML 5Page - Macronix International MX29GL065MTTC-90G Datasheet HTML 6Page - Macronix International MX29GL065MTTC-90G Datasheet HTML 7Page - Macronix International MX29GL065MTTC-90G Datasheet HTML 8Page - Macronix International MX29GL065MTTC-90G Datasheet HTML 9Page - Macronix International MX29GL065MTTC-90G Datasheet HTML 10Page - Macronix International MX29GL065MTTC-90G Datasheet HTML 11Page - Macronix International MX29GL065MTTC-90G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
P/N:PM1136
REV. 1.1, AUG. 11, 2005
MX29LV320M H/L
Q8~Q15
Operation
CE#
OE# WE#
RE-
WP#
ACC
Address
Q0~Q7
Word
Byte
SET#
Mode
Mode
Read
L
L
H
H
X
X
A
IN
D
OUT
D
OUT
Q8-Q14=
High Z
Q15=A-1
Write (Program/Erase)
L
H
L
H
(Note 3)
X
A
IN
(Note 4) (Note 4
Q8-Q14=
High Z
Q15=A-1
Accelerated Program
L
H
L
H
(Note 3)
V
HH
A
IN
(Note 4) (Note 4) Q8-Q14=
High Z
Q15=A-1
Standby
VCC
± X
X
VCC
±
X
H
X
High-Z
High-Z
High-Z
0.3V
0.3V
Output Disable
L
H
H
H
X
X
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
X
X
High-Z
High-Z
High-Z
Sector Group Protect
L
H
L
V
ID
H
X
Sector Addresses, (Note 4)
X
X
(Note 2)
A6=L,A3=L, A2=L,
A1=H,A0=L
Chip unprotect
L
H
L
V
ID
H
X
Sector Addresses, (Note 4)
X
X
(Note 2)
A6=H, A3=L, A2=L,
A1=H, A0=L
Temporary Sector
X
X
X
V
ID
HX
A
IN
(Note 4) (Note 4)
High-Z
Group Unprotect
Legend:
L=Logic LOW=V
IL, H=Logic High=VIH, VID=12.0±0.5V, VHH=12.0±0.5V, X=Don't Care, AIN=Address IN, DIN=Data IN,
D
OUT=Data OUT
Notes:
1. Address are A20:A0 in word mode; A20:A-1 in byte mode. Sector addresses are A20:A15 in both modes.
2. The sector group protect and chip unprotect functions may also be implemented via programming equipment. See
the "Sector Group Protection and Chip Unprotect" section.
3. If WP#=VIL, the first sectors remain protected. If WP#=VIH, the highest or lowest sector protection depends on
whether they were last protected or unprotect using the method described in "Sector/ Sector Block Protection and
Unprotect".
4. D
IN or DOUT as required by command sequence, Data# polling or sector protect algorithm (see Figure 15).
Table 1. BUS OPERATION (1)


Similar Part No. - MX29GL065MTTC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL065MTTC-90G MCNIX-MX29GL065MTTC-90G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL065MTTC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com