Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV065MBTC-90G Datasheet(PDF) 5 Page - Macronix International

Part # MX29LV065MBTC-90G
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV065MBTC-90G Datasheet(HTML) 5 Page - Macronix International

  MX29LV065MBTC-90G Datasheet HTML 1Page - Macronix International MX29LV065MBTC-90G Datasheet HTML 2Page - Macronix International MX29LV065MBTC-90G Datasheet HTML 3Page - Macronix International MX29LV065MBTC-90G Datasheet HTML 4Page - Macronix International MX29LV065MBTC-90G Datasheet HTML 5Page - Macronix International MX29LV065MBTC-90G Datasheet HTML 6Page - Macronix International MX29LV065MBTC-90G Datasheet HTML 7Page - Macronix International MX29LV065MBTC-90G Datasheet HTML 8Page - Macronix International MX29LV065MBTC-90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
5
P/N:PM1134
REV. 1.1, FEB. 08, 2006
MX29LV128M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A22-A15
(Kbytes/Kwords)
Address Range
Address Range
SA0
00000000
64/32
000000-0FFFF
000000-07FFF
SA1
00000001
64/32
010000-1FFFF
008000-0FFFF
SA2
00000010
64/32
020000-2FFFF
010000-17FFF
SA3
00000011
64/32
030000-3FFFF
018000-1FFFF
SA4
00000100
64/32
040000-4FFFF
020000-27FFF
SA5
00000101
64/32
050000-5FFFF
028000-2FFFF
SA6
00000110
64/32
060000-6FFFF
030000-37FFF
SA7
00000111
64/32
070000-7FFFF
038000-3FFFF
SA8
00001000
64/32
080000-8FFFF
040000-47FFF
SA9
00001001
64/32
090000-9FFFF
048000-4FFFF
SA10
00001010
64/32
0A0000-AFFFF
050000-57FFF
SA11
00001011
64/32
0B0000-BFFFF
058000-5FFFF
SA12
00001100
64/32
0C0000-CFFFF
060000-67FFF
SA13
00001101
64/32
0D0000-DFFFF
068000-6FFFF
SA14
00001110
64/32
0E0000-EFFFF
070000-77FFF
SA15
00001111
64/32
0F0000-FFFFF
078000-7FFFF
SA16
00010000
64/32
100000-0FFFF
080000-87FFF
SA17
00010001
64/32
110000-1FFFF
088000-8FFFF
SA18
00010010
64/32
120000-2FFFF
090000-97FFF
SA19
00010011
64/32
130000-3FFFF
098000-9FFFF
SA20
00010100
64/32
140000-4FFFF
0A0000-A7FFF
SA21
00010101
64/32
150000-5FFFF
0A8000-AFFFF
SA22
00010110
64/32
160000-6FFFF
0B0000-B7FFF
SA23
00010111
64/32
170000-7FFFF
0B8000-BFFFF
SA24
00011000
64/32
180000-8FFFF
0C0000-C7FFF
SA25
00011001
64/32
190000-9FFFF
0C8000-CFFFF
SA26
00011010
64/32
1A0000-AFFFF
0D0000-D7FFF
SA27
00011011
64/32
1B0000-BFFFF
0D8000-DFFFF
SA28
00011100
64/32
1C0000-CFFFF
0E0000-E7FFF
SA29
00011101
64/32
1D0000-DFFFF
0E8000-EFFFF
SA30
00011110
64/32
1E0000-EFFFF
0F0000-F7FFF
SA31
00011111
64/32
1F0000-FFFFF
0F8000-FFFFF
SA32
00100000
64/32
200000-0FFFF
100000-07FFF
SA33
00100001
64/32
210000-1FFFF
108000-0FFFF
SA34
00100010
64/32
220000-2FFFF
110000-17FFF
SA35
00100011
64/32
230000-3FFFF
118000-1FFFF
SA36
00100100
64/32
240000-4FFFF
120000-27FFF
SA37
00100101
64/32
250000-5FFFF
128000-2FFFF
SA38
00100110
64/32
260000-6FFFF
130000-37FFF
MX29LV128M H/L SECTOR ADDRESS TABLE


Similar Part No. - MX29LV065MBTC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV065MBTC-90G MCNIX-MX29LV065MBTC-90G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV065MBTC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com