Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL033MTMI-70R Datasheet(PDF) 6 Page - Macronix International

Part # MX29GL033MTMI-70R
Description  64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MTMI-70R Datasheet(HTML) 6 Page - Macronix International

Back Button MX29GL033MTMI-70R Datasheet HTML 2Page - Macronix International MX29GL033MTMI-70R Datasheet HTML 3Page - Macronix International MX29GL033MTMI-70R Datasheet HTML 4Page - Macronix International MX29GL033MTMI-70R Datasheet HTML 5Page - Macronix International MX29GL033MTMI-70R Datasheet HTML 6Page - Macronix International MX29GL033MTMI-70R Datasheet HTML 7Page - Macronix International MX29GL033MTMI-70R Datasheet HTML 8Page - Macronix International MX29GL033MTMI-70R Datasheet HTML 9Page - Macronix International MX29GL033MTMI-70R Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
P/N:PM1093
REV. 1.1, AUG. 11, 2005
MX29LV64xM H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A21-A12
(Kbytes/Kwords)
Address Range
Address Range
SA0
0000000xxx
64/32
000000h-00FFFFh
000000h-07FFFh
SA1
0000001xxx
64/32
010000h-01FFFFh
008000h-0FFFFh
SA2
0000010xxx
64/32
020000h-02FFFFh
010000h-17FFFh
SA3
0000011xxx
64/32
030000h-03FFFFh
018000h-01FFFFh
SA4
0000100xxx
64/32
040000h-04FFFFh
020000h-027FFFh
SA5
0000101xxx
64/32
050000h-05FFFFh
028000h-02FFFFh
SA6
0000110xxx
64/32
060000h-06FFFFh
030000h-037FFFh
SA7
0000111xxx
64/32
070000h-07FFFFh
038000h-03FFFFh
SA8
0001000xxx
64/32
080000h-08FFFFh
040000h-047FFFh
SA9
0001001xxx
64/32
090000h-09FFFFh
048000h-04FFFFh
SA10
0001010xxx
64/32
0A0000h-0AFFFFh
050000h-057FFFh
SA11
0001011xxx
64/32
0B0000h-0BFFFFh
058000h-05FFFFh
SA12
0001100xxx
64/32
0C0000h-0CFFFFh
060000h-067FFFh
SA13
0001101xxx
64/32
0D0000h-0DFFFFh
068000h-06FFFFh
SA14
0001110xxx
64/32
0E0000h-0EFFFFh
070000h-077FFFh
SA15
0001111xxx
64/32
0F0000h-0FFFFFh
078000h-07FFFFh
SA16
0010000xxx
64/32
100000h-10FFFFh
080000h-087FFFh
SA17
0010001xxx
64/32
110000h-11FFFFh
088000h-08FFFFh
SA18
0010010xxx
64/32
120000h-12FFFFh
090000h-097FFFh
SA19
0010011xxx
64/32
130000h-13FFFFh
098000h-09FFFFh
SA20
0010100xxx
64/32
140000h-14FFFFh
0A0000h-0A7FFFh
SA21
0010101xxx
64/32
150000h-15FFFFh
0A8000h-0AFFFFh
SA22
0010110xxx
64/32
160000h-16FFFFh
0B0000h-0B7FFFh
SA23
0010111xxx
64/32
170000h-17FFFFh
0B8000h-0BFFFFh
SA24
0011000xxx
64/32
180000h-18FFFFh
0C0000h-0C7FFFh
SA25
0011001xxx
64/32
190000h-19FFFFh
0C8000h-0CFFFFh
SA26
0011010xxx
64/32
1A0000h-1AFFFFh
0D0000h-0D7FFFh
SA27
0011011xxx
64/32
1B0000h-1BFFFFh
0D8000h-0DFFFFh
SA28
0011100xxx
64/32
1C0000h-1CFFFFh
0E0000h-0E7FFFh
SA29
0011101xxx
64/32
1D0000h-1DFFFFh
0E8000h-0EFFFFh
SA30
0011110xxx
64/32
1E0000h-1EFFFFh
0F0000h-0F7FFFh
SA31
0011111xxx
64/32
1F0000h-1FFFFFh
0F8000h-0FFFFFh
SA32
0100000xxx
64/32
200000h-20FFFFh
100000h-107FFFh
SA33
0100001xxx
64/32
210000h-21FFFFh
108000h-10FFFFh
SA34
0100010xxx
64/32
220000h-22FFFFh
110000h-117FFFh
SA35
0100011xxx
64/32
230000h-23FFFFh
118000h-11FFFFh
SA36
0100100xxx
64/32
240000h-24FFFFh
120000h-127FFFh
SA37
0100101xxx
64/32
250000h-25FFFFh
128000h-12FFFFh
SA38
0100110xxx
64/32
260000h-26FFFFh
130000h-137FFFh
SA39
0100111xxx
64/32
270000h-27FFFFh
138000h-13FFFFh
MX29LV64xM H/L SECTOR ADDRESS TABLE


Similar Part No. - MX29GL033MTMI-70R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MTMI-70R MCNIX-MX29GL033MTMI-70R Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MTMI-70R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com