Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL033MBMC-90G Datasheet(PDF) 6 Page - Macronix International

Part # MX29GL033MBMC-90G
Description  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MBMC-90G Datasheet(HTML) 6 Page - Macronix International

Back Button MX29GL033MBMC-90G Datasheet HTML 2Page - Macronix International MX29GL033MBMC-90G Datasheet HTML 3Page - Macronix International MX29GL033MBMC-90G Datasheet HTML 4Page - Macronix International MX29GL033MBMC-90G Datasheet HTML 5Page - Macronix International MX29GL033MBMC-90G Datasheet HTML 6Page - Macronix International MX29GL033MBMC-90G Datasheet HTML 7Page - Macronix International MX29GL033MBMC-90G Datasheet HTML 8Page - Macronix International MX29GL033MBMC-90G Datasheet HTML 9Page - Macronix International MX29GL033MBMC-90G Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
P/N:PM1136
REV. 1.1, AUG. 11, 2005
MX29LV320M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A20-A15
(Kbytes/Kwords)
Address Range
Address Range
SA32
100000
64/32
200000-0FFFF
100000-07FFF
SA33
100001
64/32
210000-1FFFF
108000-0FFFF
SA34
100010
64/32
220000-2FFFF
110000-17FFF
SA35
100011
64/32
230000-3FFFF
118000-1FFFF
SA36
100100
64/32
240000-4FFFF
120000-27FFF
SA37
100101
64/32
250000-5FFFF
128000-2FFFF
SA38
100110
64/32
260000-6FFFF
130000-37FFF
SA39
100111
64/32
270000-7FFFF
138000-3FFFF
SA40
101000
64/32
280000-8FFFF
140000-47FFF
SA41
101001
64/32
290000-9FFFF
148000-4FFFF
SA42
101010
64/32
2A0000-AFFFF
150000-57FFF
SA43
101011
64/32
2B0000-BFFFF
158000-5FFFF
SA44
101100
64/32
2C0000-CFFFF
160000-67FFF
SA45
101101
64/32
2D0000-DFFFF
168000-6FFFF
SA46
101110
64/32
2E0000-EFFFF
170000-77FFF
SA47
101111
64/32
2F0000-FFFFF
178000-7FFFF
SA48
110000
64/32
300000-0FFFF
180000-87FFF
SA49
110001
64/32
310000-1FFFF
188000-8FFFF
SA50
110010
64/32
320000-2FFFF
190000-97FFF
SA51
110011
64/32
330000-3FFFF
198000-9FFFF
SA52
110100
64/32
340000-4FFFF
1A0000-A7FFF
SA53
110101
64/32
350000-5FFFF
1A8000-AFFFF
SA54
110110
64/32
360000-6FFFF
1B0000-B7FFF
SA55
110111
64/32
370000-7FFFF
1B8000-BFFFF
SA56
111000
64/32
380000-8FFFF
1C0000-C7FFF
SA57
111001
64/32
390000-9FFFF
1C8000-CFFFF
SA58
111010
64/32
3A0000-AFFFF
1D0000-D7FFF
SA59
111011
64/32
3B0000-BFFFF
1D8000-DFFFF
SA60
111100
64/32
3C0000-CFFFF
1E0000-E7FFF
SA61
111101
64/32
3D0000-DFFFF
1E8000-EFFFF
SA62
111110
64/32
3E0000-EFFFF
1F0000-F7FFF
SA63
111111
64/32
3F0000-FFFFF
1F8000-FFFFF


Similar Part No. - MX29GL033MBMC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MBMC-90G MCNIX-MX29GL033MBMC-90G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-90G MCNIX-MX29GL033MBMC-90G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MBMC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com