Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV160CBXEI-90 Datasheet(PDF) 7 Page - Macronix International

Part # MX29LV160CBXEI-90
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160CBXEI-90 Datasheet(HTML) 7 Page - Macronix International

Back Button MX29LV160CBXEI-90 Datasheet HTML 3Page - Macronix International MX29LV160CBXEI-90 Datasheet HTML 4Page - Macronix International MX29LV160CBXEI-90 Datasheet HTML 5Page - Macronix International MX29LV160CBXEI-90 Datasheet HTML 6Page - Macronix International MX29LV160CBXEI-90 Datasheet HTML 7Page - Macronix International MX29LV160CBXEI-90 Datasheet HTML 8Page - Macronix International MX29LV160CBXEI-90 Datasheet HTML 9Page - Macronix International MX29LV160CBXEI-90 Datasheet HTML 10Page - Macronix International MX29LV160CBXEI-90 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
7
P/N:PM1186
MX29LV160C T/B
REV. 1.2, JAN. 19, 2006
A19
A11
A9
A8
A6
A5
A1
A0
Description
Mode CE#
OE#
WE# RESET#
|
|
|
|
Q15~Q0
A12
A10
A7
A2
Read Silicon ID
L
L
H
H
X
X
VID
X
L
X
L
L
C2H
Manufacture Code
Device ID
Word
L
L
H
H
X
X
VID
X
L
X
L
H
22C4H
(Top Boot Block)
Byte
L
L
H
H
X
X
VID
X
L
X
L
H
XXC4H
Device ID
Word
L
L
H
H
X
X
VID
X
L
X
L
H
2249H
(Bottom Boot Block) Byte
L
L
H
H
X
X
VID
X
L
X
L
H
XX49H
XX01H
Sector Protection
L
L
H
H
SA
X
VID
X
L
X
H
L
(protected)
Verification
XX00H
(unprotected)
TABLE 3. MX29LV160C T/B AUTO SELECT MODE BUS OPERATION (A9=VID)
NOTE: SA=Sector Address, X=Don't Care, L=Logic Low, H=Logic High
address bit (see Table 1 and Table 2).The rest of address
bits, as shown in Table 3, are don't care. Once all neces-
sary bits have been set as required, the programming
equipment may read the corresponding identifier code on
Q7~Q0.


Similar Part No. - MX29LV160CBXEI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CBXEI55Q MCNIX-MX29LV160CBXEI55Q Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CBXEI70G MCNIX-MX29LV160CBXEI70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CBXEI90G MCNIX-MX29LV160CBXEI90G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160CBXEI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV017A ETC1-MX29LV017A Datasheet
629Kb / 57P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com