Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV002NCTQI-70G Datasheet(PDF) 5 Page - Macronix International

Part # MX29LV002NCTQI-70G
Description  2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV002NCTQI-70G Datasheet(HTML) 5 Page - Macronix International

  MX29LV002NCTQI-70G Datasheet HTML 1Page - Macronix International MX29LV002NCTQI-70G Datasheet HTML 2Page - Macronix International MX29LV002NCTQI-70G Datasheet HTML 3Page - Macronix International MX29LV002NCTQI-70G Datasheet HTML 4Page - Macronix International MX29LV002NCTQI-70G Datasheet HTML 5Page - Macronix International MX29LV002NCTQI-70G Datasheet HTML 6Page - Macronix International MX29LV002NCTQI-70G Datasheet HTML 7Page - Macronix International MX29LV002NCTQI-70G Datasheet HTML 8Page - Macronix International MX29LV002NCTQI-70G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5
P/N:PM1204
MX29LV002C/002NC T/B
REV. 1.0, JUN. 30, 2005
mand through the command register without requiring VID,
as shown in table4.
To verify whether or not sector being protected, the sec-
tor address must appear on the appropriate highest or-
der address bit (see Table 1 and Table 2). The rest of
address bits, as shown in table3, are don't care. Once
all necessary bits have been set as required, the pro-
gramming equipment may read the corresponding iden-
tifier code on Q7~Q0.
A17 A12
A8
A5
Description
CE# OE# WE# RESET#
|
|
A9
|
A6
|
A1 A0
Q7~Q0
(note)
A13 A10
A7
A2
Manufacture Code
L
L
H
H
X
X
VID
X
L
X
L
L
C2H
Read
Device ID
L
L
H
H
X
X
VID
X
L
X
L
H
59H
Silicon
(Top Boot Block)
ID
Device ID
L
L
H
H
X
X
VID
X
L
X
L
H
5AH
(Bottom Boot Block)
01H
Sector Protection Verification
L
L
H
H
SA
X
VID
X
L
X
H
L
(protected)
00H
(unprotected)
TABLE 3. MX29LV002C T/B AUTOSELECT MODE OPERATION
NOTE: SA=Sector Address, X=Don't Care, L=Logic Low, H=Logic High.
RESET# pin for 32-TSOP only.


Similar Part No. - MX29LV002NCTQI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV004B MCNIX-MX29LV004B Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004BQC-55R MCNIX-MX29LV004BQC-55R Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004BQC-70 MCNIX-MX29LV004BQC-70 Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004BQC-90 MCNIX-MX29LV004BQC-90 Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004BQI-70 MCNIX-MX29LV004BQI-70 Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV002NCTQI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
   2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Macronix International
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com