Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESN26A090IV Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # ESN26A090IV
Description  High Voltage - High Power GaN-HEMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

ESN26A090IV Datasheet(HTML) 2 Page - Eudyna Devices Inc

  ESN26A090IV Datasheet HTML 1Page - Eudyna Devices Inc ESN26A090IV Datasheet HTML 2Page - Eudyna Devices Inc ESN26A090IV Datasheet HTML 3Page - Eudyna Devices Inc ESN26A090IV Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pr
eli
m
in
ar
y
Output Power vs. Frequency
VDS=50V IDS(DC)=500mA
Output Power and Drain Efficiency vs. Input Power
VDS=50V IDS(DC)=500mA f=2.6GHz
Power Derating Curve
High Voltage - High Power GaN-HEMT
ES/EGN26A090IV
33
35
37
39
41
43
45
47
49
51
53
2.45
2.50
2.55
2.60
2.65
2.70
2.75
Frequency [GHz]
Pin=22dBm
Pin=26dBm
Pin=30dBm
Pin=34dBm
Pin=38dBm
33
35
37
39
41
43
45
47
49
51
53
21
23
25
27
29
31
33
35
37
39
Input Power [dBm]
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
Case Temperature [
oC]
Edition 1.2
Dec. 2005
2


Similar Part No. - ESN26A090IV

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESN26A030MK EUDYNA-ESN26A030MK Datasheet
103Kb / 4P
   High Voltage - High Power GaN-HEMT
More results

Similar Description - ESN26A090IV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EGN21A090IV ETC1-EGN21A090IV Datasheet
236Kb / 4P
   High Voltage - High Power GaN-HEMT
logo
Eudyna Devices Inc
EGN21A180IV EUDYNA-EGN21A180IV Datasheet
234Kb / 4P
   High Voltage - High Power GaN-HEMT
EGN35A180IV EUDYNA-EGN35A180IV Datasheet
107Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN26A030MK EUDYNA-ESN26A030MK Datasheet
103Kb / 4P
   High Voltage - High Power GaN-HEMT
logo
List of Unclassifed Man...
EGN010MK ETC1-EGN010MK Datasheet
188Kb / 3P
   High Voltage - High Power GaN-HEMT
logo
Eudyna Devices Inc
EGN045MK EUDYNA-EGN045MK Datasheet
210Kb / 3P
   High Voltage - High Power GaN-HEMT
ESN35A030MK EUDYNA-ESN35A030MK Datasheet
104Kb / 4P
   High Voltage - High Power GaN-HEMT
EGN21A045IV EUDYNA-EGN21A045IV Datasheet
231Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN26A180IV EUDYNA-ESN26A180IV Datasheet
106Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN35A090IV EUDYNA-ESN35A090IV Datasheet
108Kb / 4P
   High Voltage - High Power GaN-HEMT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com