Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL033MBMC-10G Datasheet(PDF) 10 Page - Macronix International

Part # MX29GL033MBMC-10G
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MBMC-10G Datasheet(HTML) 10 Page - Macronix International

Back Button MX29GL033MBMC-10G Datasheet HTML 6Page - Macronix International MX29GL033MBMC-10G Datasheet HTML 7Page - Macronix International MX29GL033MBMC-10G Datasheet HTML 8Page - Macronix International MX29GL033MBMC-10G Datasheet HTML 9Page - Macronix International MX29GL033MBMC-10G Datasheet HTML 10Page - Macronix International MX29GL033MBMC-10G Datasheet HTML 11Page - Macronix International MX29GL033MBMC-10G Datasheet HTML 12Page - Macronix International MX29GL033MBMC-10G Datasheet HTML 13Page - Macronix International MX29GL033MBMC-10G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
10
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A23-A16
(Kbytes/Kwords)
Address Range
Address Range
SA203
11001011
64/32
CB0000-CBFFFF
658000-65FFFF
SA204
11001100
64/32
CC0000-CCFFFF
660000-667FFF
SA205
11001101
64/32
CD0000-CDFFFF
668000-66FFFF
SA206
11001110
64/32
CE0000-CEFFFF
670000-677FFF
SA207
11001111
64/32
CF0000-CFFFFF
678000-67FFFF
SA208
11010000
64/32
D00000-D0FFFF
680000-687FFF
SA209
11010001
64/32
D10000-D1FFFF
688000-68FFFF
SA210
11010010
64/32
D20000-D2FFFF
690000-697FFF
SA211
11010011
64/32
D30000-D3FFFF
698000-69FFFF
SA212
11010100
64/32
D40000-D4FFFF
6A0000-6A7FFF
SA213
11010101
64/32
D50000-D5FFFF
6A8000-6AFFFF
SA214
11010110
64/32
D60000-D6FFFF
6B0000-6B7FFF
SA215
11010111
64/32
D70000-D7FFFF
6B8000-6BFFFF
SA216
11011000
64/32
D80000-D8FFFF
6C0000-6C7FFF
SA217
11011001
64/32
D90000-D9FFFF
6C8000-6CFFFF
SA218
11011010
64/32
DA0000-DAFFFF
6D0000-6D7FFF
SA219
11011011
64/32
DB0000-DBFFFF
6D8000-6DFFFF
SA220
11011100
64/32
DC0000-DCFFFF
6E0000-6E7FFF
SA221
11011101
64/32
DD0000-DDFFFF
6E8000-6EFFFF
SA222
11011110
64/32
DE0000-DEFFFF
6F0000-6F7FFF
SA223
11011111
64/32
DF0000-DFFFFF
6F8000-6FFFFF
SA224
11100000
64/32
E00000-E0FFFF
700000-707FFF
SA225
11100001
64/32
E10000-E1FFFF
708000-70FFFF
SA226
11100010
64/32
E20000-E2FFFF
710000-717FFF
SA227
11100011
64/32
E30000-E3FFFF
718000-71FFFF
SA228
11100100
64/32
E40000-E4FFFF
720000-727FFF
SA229
11100101
64/32
E50000-E5FFFF
728000-72FFFF
SA230
11100110
64/32
E60000-E6FFFF
730000-737FFF
SA231
11100111
64/32
E70000-E7FFFF
738000-73FFFF
SA232
11101000
64/32
E80000-E8FFFF
740000-747FFF
SA233
11101001
64/32
E90000-E9FFFF
748000-74FFFF
SA234
11101010
64/32
EA0000-EAFFFF
750000-757FFF
SA235
11101011
64/32
EB0000-EBFFFF
758000-75FFFF
SA236
11101100
64/32
EC0000-ECFFFF
760000-767FFF
SA237
11101101
64/32
ED0000-EDFFFF
768000-76FFFF
SA238
11101110
64/32
EE0000-EEFFFF
770000-777FFF
SA239
11101111
64/32
EF0000-EFFFFF
778000-77FFFF
SA240
11110000
64/32
F00000-F0FFFF
780000-787FFF


Similar Part No. - MX29GL033MBMC-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MBMC-70G MCNIX-MX29GL033MBMC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70G MCNIX-MX29GL033MBMC-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70Q MCNIX-MX29GL033MBMC-70Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70Q MCNIX-MX29GL033MBMC-70Q Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-90G MCNIX-MX29GL033MBMC-90G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MBMC-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com