Part Name
         Description
MX29LV320CBTC-90G

 32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY ( 62 Page)


MCNIX
100% 
Zoom Out Zoom In
 
 1 page
background image
1
P/N:PM1188
REV. 1.0, AUG. 02, 2005
MX29LV320C T/B
32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE
3VONLYFLASHMEMORY
FEATURES
GENERAL FEATURES
• 4,194,304 x 8 / 2,097,152 x 16 switchable
• Sector Structure
- 8K-Byte x 8 and 64K-Byte x 63
• Extra 64K-Byte sector for security
- Features factory locked and identifiable, and cus-
tomer lockable
• Twenty-Four Sector Groups
- Provides sector group protect function to prevent pro-
gram or erase operation in the protected sector group
- Provides chip unprotect function to allow code chang-
ing
- Provides temporary sector group unprotect function
for code changing in previously protected sector groups
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program opera-
tions
• Latch-up protected to 250mA from -1V to Vcc + 1V
• Low Vcc write inhibit is equal to or less than 1.4V
• Compatible with JEDEC standard
- Pinout and software compatible to single power sup-
ply Flash
• Fully compatible with MX29LV320A T/B device
PERFORMANCE
• High Performance
- Fast access time: 70/90ns
- Fast program time: 7us/word typical utilizing acceler-
ate function
- Fast erase time: 0.9s/sector, 35s/chip (typical)
• Low Power Consumption
- Low active read current: 10mA (typical) at 5MHz
- Low standby current: 200nA (typical)
• Minimum 100,000 erase/program cycle
• 10 years data retention
SOFTWARE FEATURES
• Erase Suspend/ Erase Resume
- Suspends sector erase operation to read data from
or program data to another sector which is not being
erased
• Status Reply
- Data# Polling & Toggle bits provide detection of pro-
gram and erase operation completion
• Support Common Flash Interface (CFI)
HARDWARE FEATURES
• Ready/Busy# (RY/BY#) Output
- Provides a hardware method of detecting program
and erase operation completion
• Hardware Reset (RESET#) Input
- Provides a hardware method to reset the internal state
machine to read mode
• WP#/ACC input pin
- Provides accelerated program capability
PACKAGE
• 48-Pin TSOP
• 48-Ball CSP
• All Pb-free devices are RoHS Compliant
GENERAL DESCRIPTION
The MX29LV320C T/B is a 32-mega bit Flash memory
organized as 4M bytes of 8 bits and 2M words of 16 bits.
MXIC's Flash memories offer the most cost-effective and
reliable read/write non-volatile random access memory.
The MX29LV320C T/B is packaged in 48-pin TSOP and
48-ball CSP. It is designed to be reprogrammed and
erased in system or in standard EPROM programmers.
The standard MX29LV320C T/B offers access time as
fast as 70ns, allowing operation of high-speed micropro-
cessors without wait states. To eliminate bus conten-
tion, the MX29LV320C T/B has separate chip enable
(CE#) and output enable (OE#) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29LV320C T/B uses a command register to manage
this functionality.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and program
mechanisms. In addition, the combination of advanced
tunnel oxide processing and low internal electric fields
for erase and programming operations produces reliable



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MX29LA32XMT32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV320AT32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA321MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV320MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV400CT4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV640BT64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV640MT64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV640T64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV033M32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreIntegrated Circuit Systems
MX29L321132M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM 1 2 3 4 5 MoreMacronix International

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl