Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV128MTXC-90G Datasheet(PDF) 9 Page - Macronix International

Part # MX29LV128MTXC-90G
Description  64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV128MTXC-90G Datasheet(HTML) 9 Page - Macronix International

Back Button MX29LV128MTXC-90G Datasheet HTML 5Page - Macronix International MX29LV128MTXC-90G Datasheet HTML 6Page - Macronix International MX29LV128MTXC-90G Datasheet HTML 7Page - Macronix International MX29LV128MTXC-90G Datasheet HTML 8Page - Macronix International MX29LV128MTXC-90G Datasheet HTML 9Page - Macronix International MX29LV128MTXC-90G Datasheet HTML 10Page - Macronix International MX29LV128MTXC-90G Datasheet HTML 11Page - Macronix International MX29LV128MTXC-90G Datasheet HTML 12Page - Macronix International MX29LV128MTXC-90G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
9
P/N:PM1093
REV. 1.1, AUG. 11, 2005
MX29LV64xM H/L
Note:The address range is A21:A-1 in byte mode (BYTE#=VIL) or A20:A0 in word mode (BYTE#=VIH)
Sector
Sector Address
Sector Size
(x8)
(x16)
A21-A12
(Kbytes/Kwords)
Address Range
Address Range
SA120
1111000xxx
64/32
780000h-78FFFFh
3C0000h-3C7FFFh
SA121
1111001xxx
64/32
790000h-79FFFFh
3C8000h-3CFFFFh
SA122
1111010xxx
64/32
7A0000h-7AFFFFh
3D0000h-3D7FFFh
SA123
1111011xxx
64/32
7B0000h-7BFFFFh
3D8000h-3DFFFFh
SA124
1111100xxx
64/32
7C0000h-7CFFFFh
3E0000h-3E7FFFh
SA125
1111101xxx
64/32
7D0000h-7DFFFFh
3E8000h-3EFFFFh
SA126
1111110xxx
64/32
7E0000h-7EFFFFh
3F0000h-3F7FFFh
SA127
1111111xxx
64/32
7F0000h-7FFFFFh
3F8000h-3FFFFFh


Similar Part No. - MX29LV128MTXC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-10 MCNIX-MX29LV128MHTC-10 Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-90Q MCNIX-MX29LV128MHTC-90Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-90R MCNIX-MX29LV128MHTC-90R Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTI-10 MCNIX-MX29LV128MHTI-10 Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV128MTXC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com