Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7V4027W Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PT7V4027W
Description  3.3V operating voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PT7V4027W Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PT7V4027W Datasheet HTML 1Page - List of Unclassifed Manufacturers PT7V4027W Datasheet HTML 2Page - List of Unclassifed Manufacturers PT7V4027W Datasheet HTML 3Page - List of Unclassifed Manufacturers PT7V4027W Datasheet HTML 4Page - List of Unclassifed Manufacturers PT7V4027W Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0147(05/04)
Ver: 0
3
Preliminary Data Sheet
PT7V4027 VCXO
Recommended Crystal Specifications
Description
Crystal
Mode of Oscillation
Fundamental
Frequency Range
27.000MHz
Frequency Tolerance
±30ppm
Temperature plus Aging Stability
±50ppm
Operating Temperature
-20ºC to + 70ºC
C0/C1
240(max.)
Load Capacitance(CL)
18pF
Equivalent Series Resistance(ESR)
35ohms(max.)


Similar Part No. - PT7V4027W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7V4035 ETC1-PT7V4035 Datasheet
293Kb / 5P
   3.3V operating voltage
PT7V4035W ETC1-PT7V4035W Datasheet
293Kb / 5P
   3.3V operating voltage
More results

Similar Description - PT7V4027W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7V4035 ETC1-PT7V4035 Datasheet
293Kb / 5P
   3.3V operating voltage
PT7V2727 ETC1-PT7V2727 Datasheet
294Kb / 5P
   3.3v/5.0v operating voltage
logo
National Semiconductor ...
LM5035C NSC-LM5035C_1 Datasheet
343Kb / 14P
   Input operating range: 36V to 75V Output voltage: 3.3V
logo
Toshiba Semiconductor
TB62725P TOSHIBA-TB62725P Datasheet
313Kb / 15P
   8BIT CONSTANT CURRENT LED DRIVER OF OPERATING VOLTAGE 3.3V
logo
National Semiconductor ...
LM5039 NSC-LM5039_1 Datasheet
440Kb / 14P
   Input Operating Range: 36V to 75V Output Voltage: 3.3V
logo
Integrated Device Techn...
ICS8533I-01 IDT-ICS8533I-01 Datasheet
217Kb / 17P
   DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER 3.3V operating supply
logo
IK Semicon Co., Ltd
IW4019B IKSEMICON-IW4019B Datasheet
180Kb / 5P
   Operating Voltage Range
IW4015B IKSEMICON-IW4015B Datasheet
218Kb / 6P
   Operating Voltage Range
IW4017B IKSEMICON-IW4017B Datasheet
222Kb / 7P
   Operating Voltage Range
IW4001B IKSEMICON-IW4001B Datasheet
153Kb / 5P
   Operating Voltage Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com