Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7V2727 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PT7V2727
Description  3.3v/5.0v operating voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PT7V2727 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PT7V2727 Datasheet HTML 1Page - List of Unclassifed Manufacturers PT7V2727 Datasheet HTML 2Page - List of Unclassifed Manufacturers PT7V2727 Datasheet HTML 3Page - List of Unclassifed Manufacturers PT7V2727 Datasheet HTML 4Page - List of Unclassifed Manufacturers PT7V2727 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0173(05/04)
Ver: 0
3
Preliminary Data Sheet
PT7V2727/3727 VCXO
Recommended Crystal Specifications
Description
Crystal
Mode of Oscillation
Fundamental
Frequency Range
27.000MHz
Frequency Tolerance
±30ppm
Temperature plus Aging Stability
±50ppm
Operating Temperature
-20ºC to + 70ºC
C0/C1
240(max.)
Load Capacitance(CL)
18pF
Equivalent Series Resistance(ESR)
35ohms(max.)


Similar Part No. - PT7V2727

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7V4027 ETC1-PT7V4027 Datasheet
291Kb / 5P
   3.3V operating voltage
PT7V4027W ETC1-PT7V4027W Datasheet
291Kb / 5P
   3.3V operating voltage
PT7V4035 ETC1-PT7V4035 Datasheet
293Kb / 5P
   3.3V operating voltage
PT7V4035W ETC1-PT7V4035W Datasheet
293Kb / 5P
   3.3V operating voltage
More results

Similar Description - PT7V2727

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8040 AOSMD-AOZ8040 Datasheet
388Kb / 7P
   Low operating voltage: 5.0V
logo
List of Unclassifed Man...
SCO-060 ETC2-SCO-060 Datasheet
86Kb / 2P
   5.0V / 3.3V supply voltage
PT7V4027 ETC1-PT7V4027 Datasheet
291Kb / 5P
   3.3V operating voltage
PT7V4035 ETC1-PT7V4035 Datasheet
293Kb / 5P
   3.3V operating voltage
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
Kyocera Kinseki Corpota...
KC7050B KSS-KC7050B Datasheet
123Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
logo
Maxim Integrated Produc...
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Kyocera Kinseki Corpota...
KC7050B_FXO-31F KSS-KC7050B_FXO-31F Datasheet
129Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC5032D KSS-KC5032D Datasheet
119Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com