Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL033MTMI-70G Datasheet(PDF) 11 Page - Macronix International

Part # MX29GL033MTMI-70G
Description  64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MTMI-70G Datasheet(HTML) 11 Page - Macronix International

Back Button MX29GL033MTMI-70G Datasheet HTML 7Page - Macronix International MX29GL033MTMI-70G Datasheet HTML 8Page - Macronix International MX29GL033MTMI-70G Datasheet HTML 9Page - Macronix International MX29GL033MTMI-70G Datasheet HTML 10Page - Macronix International MX29GL033MTMI-70G Datasheet HTML 11Page - Macronix International MX29GL033MTMI-70G Datasheet HTML 12Page - Macronix International MX29GL033MTMI-70G Datasheet HTML 13Page - Macronix International MX29GL033MTMI-70G Datasheet HTML 14Page - Macronix International MX29GL033MTMI-70G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
11
P/N:PM1093
REV. 1.1, AUG. 11, 2005
MX29LV64xM H/L
Q8~Q15
Operation
CE#
OE# WE#
RE-
WP#
ACC
Address
Q0~Q7
Word
Byte
SET#
Mode
Mode
Read
L
L
H
H
X
X
A
IN
D
OUT
D
OUT
Q8-Q14=
High Z
Q15=A-1
Write (Program/Erase)
L
H
L
H
(Note 3)
X
A
IN
(Note 4) (Note 4
Q8-Q14=
High Z
Q15=A-1
Accelerated Program
L
H
L
H
(Note 3)
V
HH
A
IN
(Note 4) (Note 4) Q8-Q14=
High Z
Q15=A-1
Standby
VCC
± X
X
VCC
±
X
H
X
High-Z
High-Z
High-Z
0.3V
0.3V
Output Disable
L
H
H
H
X
X
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
X
X
High-Z
High-Z
High-Z
Sector Group Protect
L
H
L
V
ID
H
X
Sector Addresses, (Note 4)
X
X
(Note 2)
A6=L,A3=L, A2=L,
A1=H,A0=L
Chip unprotect
L
H
L
V
ID
H
X
Sector Addresses, (Note 4)
X
X
(Note 2)
A6=H, A3=L, A2=L,
A1=H, A0=L
Temporary Sector
X
X
X
V
ID
HX
A
IN
(Note 4) (Note 4)
High-Z
Group Unprotect
Legend:
L=Logic LOW=V
IL, H=Logic High=VIH, VID=12.0±0.5V, VHH=12.0±0.5V, X=Don't Care, AIN=Address IN, DIN=Data IN,
D
OUT=Data OUT
Notes:
1. Address are A21:A0 in word mode; A21:A-1 in byte mode. Sector addresses are A21:A15 in both modes.
2. The sector group protect and chip unprotect functions may also be implemented via programming equipment. See
the "Sector Group Protection and Chip Unprotect" section.
3. If WP#=VIL, the first sectors remain protected. If WP#=VIH, the highest or lowest sector protection depends on
whether they were last protected or unprotect using the method described in "Sector/ Sector Block Protection and
Unprotect".
4. D
IN or DOUT as required by command sequence, Data# polling or sector protect algorithm (see Figure 15).
Table 1. BUS OPERATION (1)


Similar Part No. - MX29GL033MTMI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MTMI-70G MCNIX-MX29GL033MTMI-70G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTMI-70G MCNIX-MX29GL033MTMI-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTMI-70G MCNIX-MX29GL033MTMI-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MTMI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com