Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M166 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # M166
Description  C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

M166 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button M166 Datasheet HTML 2Page - Siemens Semiconductor Group M166 Datasheet HTML 3Page - Siemens Semiconductor Group M166 Datasheet HTML 4Page - Siemens Semiconductor Group M166 Datasheet HTML 5Page - Siemens Semiconductor Group M166 Datasheet HTML 6Page - Siemens Semiconductor Group M166 Datasheet HTML 7Page - Siemens Semiconductor Group M166 Datasheet HTML 8Page - Siemens Semiconductor Group M166 Datasheet HTML 9Page - Siemens Semiconductor Group M166 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
30Mar98@15:00h
Semiconductor Group
6
Version 1.2, 12.97
C166 Family Instruction Set
Short Instruction Summary
2
Short Instruction Summary
The following compressed cross-reference tables quickly identify a specific instruction and provide
basic information about it. Two ordering schemes are included:
The first table (two pages) is a compressed cross-reference table that quickly identifies a specific
hexadecimal opcode with the respective mnemonic.
The second table lists the instructions by their mnemonic and identifies the addressing modes that
may be used with a specific instruction and the instruction length depending on the selected
addressing mode. This reference helps to optimize instruction sequences in terms of code size and/
or execution time.
0x1x
2x3x4x5x6x
7x
x0
ADD
ADDC
SUB
SUBC
CMP
XOR
AND
OR
x1
ADDB
ADDCB
SUBB
SUBCB
CMPB
XORB
ANDB
ORB
x2
ADD
ADDC
SUB
SUBC
CMP
XOR
AND
OR
x3
ADDB
ADDCB
SUBB
SUBCB
CMPB
XORB
ANDB
ORB
x4
ADD
ADDC
SUB
SUBC
-
XOR
AND
OR
x5
ADDB
ADDCB
SUBB
SUBCB
-
XORB
ANDB
ORB
x6
ADD
ADDC
SUB
SUBC
CMP
XOR
AND
OR
x7
ADDB
ADDCB
SUBB
SUBCB
CMPB
XORB
ANDB
ORB
x8
ADD
ADDC
SUB
SUBC
CMP
XOR
AND
OR
x9
ADDB
ADDCB
SUBB
SUBCB
CMPB
XORB
ANDB
ORB
xA
BFLDL
BFLDH
BCMP
BMOVN
BMOV
BOR
BAND
BXOR
xB
MUL
MULU
PRIOR
-
DIV
DIVU
DIVL
DIVLU
xC
ROL
ROL
ROR
ROR
SHL
SHL
SHR
SHR
xD
JMPR
JMPR
JMPR
JMPR
JMPR
JMPR
JMPR
JMPR
xE
BCLR
BCLR
BCLR
BCLR
BCLR
BCLR
BCLR
BCLR
xF
BSET
BSET
BSET
BSET
BSET
BSET
BSET
BSET


Similar Part No. - M166

ManufacturerPart #DatasheetDescription
logo
Sanken electric
M1661P SANKEN-M1661P Datasheet
31Kb / 1P
   TO-3P 16A Triac
logo
Renesas Technology Corp
M16623F4 RENESAS-M16623F4 Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16623F8 RENESAS-M16623F8 Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16623FA RENESAS-M16623FA Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16623FC RENESAS-M16623FC Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M166

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C921F SAMSUNG-S3C921F Datasheet
193Kb / 30P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9644 SAMSUNG-S3C9644 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9432 SAMSUNG-S3C9432 Datasheet
190Kb / 31P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com