Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


GM78L00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. GM78L00
Description  100 mA POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
GM78L00
100 mA POSITIVE VOLTAGE REGULATORS
Revision 1, May 2002
www.gammamicro.com
PRELIMINARY
2
31
3
2
Wide range of Fixed Output Voltages
Output Current up to 100 mA
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current-Limiting
Available in TO-92, SOT-89 and SOP-8 packages
The GM78L00 series of positive voltage regulators are low-cost
devices providing a simple solution for a wide variety of applica-
tions requiring a regulated supply of up to 100mA.
These virtually indestructible positive voltage regulators are pro-
tected by thermal shutdown and internal current-limiting. Most
applications require no external components.
The GM78L00’s are very versatile. Use them as fixed voltage regu-
lators in a wide range of applications, including local on-card regu-
lation for elimination of noise and distribution problems associated
with single-point regulation. They can also be used with power
pass elements to make high current voltage regulators.
The GM78L00’s offer impressive performance advantages over old-
fashioned zener diode-resistor combinations, providing lower out-
put impedance and reduced quiescent current, along with lower
noise.
OUTPUT
GND
GROUND
INPUT
V
IN
NC
NC
TO-92 (TOP VIEW)
PIN CONFIGURATIONS
REPRESENTATIVE BLOCK DIAGRAM
1
V
OUT
GND
GND
GND
INPUT
Z1
1.2k
420
Q2
1.9k
2.2k
Q7
Q8
Q9
Q6
Q4
Q1
3.8k
15k
Q3
Q5
Q11
Q12
Q10
5.0k
3.0k
0-25k
2.85k
C
1.0k
GROUND
OUTPUT
1
2
3
4
8
7
6
5
1
3
2
VOUT
VIN
SOT-89 (Top View)
SOP-8 (TOP VIEW)
GND




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCV78L00A100 mA Positive Voltage Regulators 1 2 3 4 5 MoreON Semiconductor
LP2950100 mA Low Dropout Voltage Regulators 1 2 3 4 5 MoreSipex Corporation
UPC7800ATHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreNEC
KIA7805APTHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)
LT117AHVHigh Voltage Positive Adjustable Regulators 1 2 3 4 Linear Technology
42050POSITIVE VOLTAGE REGULATORS 1 2 3 Micropac Industries
0203_XC62GPositive Voltage Regulators Output On/Off 1 2 3 4 5 MoreTorex Semiconductor
XC62FP3702PRPositive Voltage Regulators 1 2 3 4 5 MoreTorex Semiconductor
XC66DPositive Voltage Regulators with Built - in Voltage Detect Functions 1 2 3 4 5 MoreTorex Semiconductor
LR7800LR7800 Series3-Terminal 1A Positive Voltage Regulators 1 2 3 4 5 MoreLeshan Radio Company

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl