Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


GM78L00 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. GM78L00
Description  100 mA POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 6 page
background image
GM78L00
100 mA POSITIVE VOLTAGE REGULATORS
Revision 1, May 2002
www.gammamicro.com
PRELIMINARY
5
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
E
U
L
A
V
S
T
I
N
U
)
V
5
1
o
t
0
.
5
(
e
g
a
tl
o
V
t
u
p
n
IV
I
5
3V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
D
d
e
ti
m
il
y
ll
a
n
r
e
t
n
iW
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
g
t
s
0
5
1
+
o
t
5
6
-C
°
)
.
c
e
s
0
1
g
n
ir
e
d
l
o
s
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
L
5
6
2C
°
ABSOLUTE MAXIMUM RATINGS
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
a
tl
o
V
t
u
p
t
u
OV
O
T
J
C
°
5
2
=3
24
25
2V
n
o
it
a
l
u
g
e
R
e
n
i
LV
E
N
I
L
R
T
J
V
5
.
6
2
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
9
35
90
8
4
V
m
T
J
V
9
2
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
9
38
70
0
4
n
o
it
a
l
u
g
e
R
d
a
o
LV
D
A
O
L
R
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
0
11
40
4
2
V
m
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
48
20
2
1
e
g
a
tl
o
V
t
u
p
t
u
O
)
2
e
t
o
N
(
V
O
V
5
.
6
2
≤≤≤≤≤ V
I
≤≤≤≤
,
V
9
3A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
48
.
2
24
22
.
5
2
V
V
5
.
6
2
≤≤≤≤≤ V
I
≤≤≤≤ V
X
A
M
,A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
78
.
2
24
22
.
5
2
t
n
e
r
r
u
C
t
n
e
c
s
i
u
QI
Q
T
J
C
°
5
2
=8
.
45
.
6A
m
e
g
n
a
h
C
t
n
e
r
r
u
C
t
n
e
c
s
i
u
Q
∆I
Q
V
2
2
)
e
n
i
L
h
ti
w
(
≤≤≤≤≤ V
I
≤≤≤≤
V
3
35
.
1
A
m
A
m
1
)
d
a
o
L
h
ti
w
(
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
41
.
0
e
s
i
o
NN
O
T
A
z
H
0
1
,
C
°
5
2
=
≤≤≤≤≤ f ≤≤≤≤≤
z
H
k
0
0
17
9
µV
n
o
it
c
e
j
e
R
e
l
p
p
i
R
∆V
I /∆VO
T
J
V
5
.
7
2
,,
z
H
k
0
2
1
=
f
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
5
.
7
30
33
3B
d
e
g
a
tl
o
V
t
u
o
p
o
r
DV
O
D
T
J
C
°
5
2
=7
.
1V
ELECTRICAL CHARACTERISTICS GM78L24
TA = 0°C to 125º C, VI=32V, IO=40mA, CI=0.33µF, CO=0.1µF, unless otherwise specified (Note 1)
Note 1: The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length
of the package. The data above represent pulse test conditions with junction temperatures as indicated at the initiation of tests.
Note 2: Power Dissipation
0.75W.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCV78L00A100 mA Positive Voltage Regulators 1 2 3 4 5 MoreON Semiconductor
LP2950100 mA Low Dropout Voltage Regulators 1 2 3 4 5 MoreSipex Corporation
UPC7800ATHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreNEC
KIA7805APTHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)
LT117AHVHigh Voltage Positive Adjustable Regulators 1 2 3 4 Linear Technology
42050POSITIVE VOLTAGE REGULATORS 1 2 3 Micropac Industries
0203_XC62GPositive Voltage Regulators Output On/Off 1 2 3 4 5 MoreTorex Semiconductor
XC62FP3702PRPositive Voltage Regulators 1 2 3 4 5 MoreTorex Semiconductor
XC66DPositive Voltage Regulators with Built - in Voltage Detect Functions 1 2 3 4 5 MoreTorex Semiconductor
LR7800LR7800 Series3-Terminal 1A Positive Voltage Regulators 1 2 3 4 5 MoreLeshan Radio Company

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl