Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


GM78L00 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. GM78L00
Description  100 mA POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 4 page
background image
GM78L00
100 mA POSITIVE VOLTAGE REGULATORS
Revision 1, May 2002
www.gammamicro.com
PRELIMINARY
4
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
a
tl
o
V
t
u
p
t
u
OV
O
T
J
C
°
5
2
=5
.
1
10
.
2
15
.
2
1V
n
o
it
a
l
u
g
e
R
e
n
i
LV
E
N
I
L
R
T
J
V
5
.
4
1
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
7
25
50
5
2
V
m
T
J
V
6
1
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
7
29
40
0
2
n
o
it
a
l
u
g
e
R
d
a
o
LV
D
A
O
L
R
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
0
12
20
0
1
V
m
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
43
10
5
e
g
a
tl
o
V
t
u
p
t
u
O
)
2
e
t
o
N
(
V
O
V
5
.
4
1
≤≤≤≤≤ V
I
≤≤≤≤
,
V
7
2A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
44
.
1
12
16
.
2
1
V
V
5
.
4
1
≤≤≤≤≤ V
I
≤≤≤≤ V
X
A
M
,A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
74
.
1
12
16
.
2
1
t
n
e
r
r
u
C
t
n
e
c
s
i
u
QI
Q
T
J
C
°
5
2
=3
.
45
.
6A
m
e
g
n
a
h
C
t
n
e
r
r
u
C
t
n
e
c
s
i
u
Q
∆I
Q
V
6
1
)
e
n
i
L
h
ti
w
(
≤≤≤≤≤ V
I
≤≤≤≤
V
7
25
.
1
A
m
A
m
1
)
d
a
o
L
h
ti
w
(
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
41
.
0
e
s
i
o
NN
O
T
A
z
H
0
1
,
C
°
5
2
=
≤≤≤≤≤ f ≤≤≤≤≤
z
H
k
0
0
10
7
µV
n
o
it
c
e
j
e
R
e
l
p
p
i
R
∆V
I /∆VO
T
J
V
5
1
,
z
H
k
0
2
1
=
f
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
5
27
32
4B
d
e
g
a
tl
o
V
t
u
o
p
o
r
DV
O
D
T
J
C
°
5
2
=7
.
1V
Note 1: The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length
of the package. The data above represent pulse test conditions with junction temperatures as indicated at the initiation of tests.
Note 2: Power Dissipation
0.75W.
ELECTRICAL CHARACTERISTICS GM78L12
TA = 0°C to 125º C, VI=19V, IO=40mA, CI=0.33µF, CO=0.1µF, unless otherwise specified (Note 1)
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
a
tl
o
V
t
u
p
t
u
OV
O
T
J
C
°
5
2
=6
.
90
14
.
0
1V
n
o
it
a
l
u
g
e
R
e
n
i
LV
E
N
I
L
R
T
J
V
3
1
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
4
21
55
7
1
V
m
T
J
V
4
1
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
4
22
45
2
1
n
o
it
a
l
u
g
e
R
d
a
o
LV
D
A
O
L
R
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
0
12
20
0
1
V
m
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
43
10
5
e
g
a
tl
o
V
t
u
p
t
u
O
)
2
e
t
o
N
(
V
O
V
3
1
≤≤≤≤≤ V
I
≤≤≤≤
,
V
4
2A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
45
.
90
15
.
0
1
V
V
3
1
≤≤≤≤≤ V
I
≤≤≤≤ V
X
A
M
,A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
75
.
90
15
.
0
1
t
n
e
r
r
u
C
t
n
e
c
s
i
u
QI
Q
T
J
C
°
5
2
=3
.
45
.
6A
m
e
g
n
a
h
C
t
n
e
r
r
u
C
t
n
e
c
s
i
u
Q
∆I
Q
V
4
1
)
e
n
i
L
h
ti
w
(
≤≤≤≤≤ V
I
≤≤≤≤
V
4
25
.
1
A
m
A
m
1
)
d
a
o
L
h
ti
w
(
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
41
.
0
e
s
i
o
NN
O
T
A
z
H
0
1
,
C
°
5
2
=
≤≤≤≤≤ f ≤≤≤≤≤
z
H
k
0
0
12
6
µV
n
o
it
c
e
j
e
R
e
l
p
p
i
R
∆V
I /∆VO
T
J
V
6
1
,
z
H
k
0
2
1
=
f
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
7
27
34
4B
d
e
g
a
tl
o
V
t
u
o
p
o
r
DV
O
D
T
J
C
°
5
2
=7
.
1V
ELECTRICAL CHARACTERISTICS GM78L10
TA = 0°C to 125º C, VI=17V, IO=40mA, CI=0.33µF, CO=0.1µF, unless otherwise specified (Note 1)
Note 1: The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length
of the package. The data above represent pulse test conditions with junction temperatures as indicated at the initiation of tests.
Note 2: Power Dissipation
0.75W.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCV78L00A100 mA Positive Voltage Regulators 1 2 3 4 5 MoreON Semiconductor
LP2950100 mA Low Dropout Voltage Regulators 1 2 3 4 5 MoreSipex Corporation
UPC7800ATHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreNEC
KIA7805APTHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)
LT117AHVHigh Voltage Positive Adjustable Regulators 1 2 3 4 Linear Technology
42050POSITIVE VOLTAGE REGULATORS 1 2 3 Micropac Industries
0203_XC62GPositive Voltage Regulators Output On/Off 1 2 3 4 5 MoreTorex Semiconductor
XC62FP3702PRPositive Voltage Regulators 1 2 3 4 5 MoreTorex Semiconductor
XC66DPositive Voltage Regulators with Built - in Voltage Detect Functions 1 2 3 4 5 MoreTorex Semiconductor
LR7800LR7800 Series3-Terminal 1A Positive Voltage Regulators 1 2 3 4 5 MoreLeshan Radio Company

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl