Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV065TI-90 Datasheet(PDF) 6 Page - Macronix International

Part # MX29LV065TI-90
Description  64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV065TI-90 Datasheet(HTML) 6 Page - Macronix International

Back Button MX29LV065TI-90 Datasheet HTML 2Page - Macronix International MX29LV065TI-90 Datasheet HTML 3Page - Macronix International MX29LV065TI-90 Datasheet HTML 4Page - Macronix International MX29LV065TI-90 Datasheet HTML 5Page - Macronix International MX29LV065TI-90 Datasheet HTML 6Page - Macronix International MX29LV065TI-90 Datasheet HTML 7Page - Macronix International MX29LV065TI-90 Datasheet HTML 8Page - Macronix International MX29LV065TI-90 Datasheet HTML 9Page - Macronix International MX29LV065TI-90 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
6
P/N:PM0893
REV. 0.4, JUL. 22, 2003
MX29LV065
Sector
A22
A21
A20
A19
A18
A17
A16
8-bit Address Range
(in hexadecimal)
SA0
0
0000
00
000000-00FFFF
SA1
0
0000
01
010000-01FFFF
SA2
0
0000
10
020000-02FFFF
SA3
0
0000
11
030000-03FFFF
SA4
0
0001
00
040000-04FFFF
SA5
0
0001
01
050000-05FFFF
SA6
0
0001
10
060000-06FFFF
SA7
0
0001
11
070000-07FFFF
SA8
0
0010
00
080000-08FFFF
SA9
0
0010
01
090000-09FFFF
SA10
0
0010
10
0A0000-0AFFFF
SA11
0
0010
11
0B0000-0BFFFF
SA12
0
0011
00
0C0000-0CFFFF
SA13
0
0011
01
0D0000-0DFFFF
SA14
0
0011
10
0E0000-0EFFFF
SA15
0
0011
11
0F0000-0FFFFF
SA16
0
0100
00
100000-10FFFF
SA17
0
0100
01
110000-11FFFF
SA18
0
0100
10
120000-12FFFF
SA19
0
0100
11
130000-13FFFF
SA20
0
0101
00
140000-14FFFF
SA21
0
0101
01
150000-15FFFF
SA22
0
0101
10
160000-16FFFF
SA23
0
0101
11
170000-17FFFF
SA24
0
0110
00
180000-18FFFF
SA25
0
0110
01
190000-19FFFF
SA26
0
0110
10
1A0000-1AFFFF
SA27
0
0110
11
1B0000-1BFFFF
SA28
0
0111
00
1C0000-1CFFFF
SA29
0
0111
01
1D0000-1DFFFF
SA30
0
0111
10
1E0000-1EFFFF
SA31
0
0111
11
1F0000-1FFFFF
SA32
0
1000
00
200000-20FFFF
SA33
0
1000
01
210000-21FFFF
SA34
0
1000
10
220000-22FFFF
SA35
0
1000
11
230000-23FFFF
SA36
0
1001
00
240000-24FFFF
SA37
0
1001
01
250000-25FFFF
SECTOR (GROUP) STRUCTURE


Similar Part No. - MX29LV065TI-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV065MBMC-70G MCNIX-MX29LV065MBMC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV065MBMC-70G MCNIX-MX29LV065MBMC-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV065MBMC-70Q MCNIX-MX29LV065MBMC-70Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV065MBMC-70Q MCNIX-MX29LV065MBMC-70Q Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV065TI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LAA641D MCNIX-MX29LAA641D Datasheet
638Kb / 63P
   64M-BIT [4M x 16/8M x 8] CMOS EQUAL SECTOR
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F016 MCNIX-MX29F016 Datasheet
868Kb / 37P
   16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com