Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM29F400T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BM29F400T
Description  4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BM29F400T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BM29F400T Datasheet HTML 1Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 2Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 3Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 4Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 5Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 6Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 7Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 8Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
BRIGHT
Preliminary BM29F400T/BM29F400B
Microelectronics
Inc.
A Winbond Company
Publication Release Date: May 1999
- 3 -
Revision A1
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
RY/BY
A17
A7
A6
A5
A4
A3
A2
A1
A0
/CE
Vss
/OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
/RESET
/WE
A8
A9
A10
A11
A12
A13
A14
A15
A16
/BYTE
Vss
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
Vcc
PSOP
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
/WE
/RESET
NC
NC
RY/BY
NC
A17
A7
A6
A5
A4
A3
A2
A1
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
/BYTE
Vss
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
/OE
Vss
/CE
A0
Standard TSOP
PIN DESCRIPTION
A0 - A17
DQ0 - DQ14
DQ15 /A-1
CE
OE
WE
Vss
RESET
RY/BY
Vcc
BYTE
NC
Address Inputs
Data Input/Output
Data Input/Output, Address Mux.
Chip Enable
Output Enable
Write Enable
Device Ground
Hardware RESET Pin, Active Low
Ready/Busy Status Output
Device Power Supply
Selects 8-bit or 16-bit Mode
Not Internally Connected


Similar Part No. - BM29F400T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
BM29F040 FUJITSU-BM29F040 Datasheet
424Kb / 40P
   4M (512K X 8) BIT
More results

Similar Description - BM29F400T

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
ATMEL Corporation
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com