Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV004CTTI-70 Datasheet(PDF) 3 Page - Macronix International

Part # MX29LV004CTTI-70
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV004CTTI-70 Datasheet(HTML) 3 Page - Macronix International

  MX29LV004CTTI-70 Datasheet HTML 1Page - Macronix International MX29LV004CTTI-70 Datasheet HTML 2Page - Macronix International MX29LV004CTTI-70 Datasheet HTML 3Page - Macronix International MX29LV004CTTI-70 Datasheet HTML 4Page - Macronix International MX29LV004CTTI-70 Datasheet HTML 5Page - Macronix International MX29LV004CTTI-70 Datasheet HTML 6Page - Macronix International MX29LV004CTTI-70 Datasheet HTML 7Page - Macronix International MX29LV004CTTI-70 Datasheet HTML 8Page - Macronix International MX29LV004CTTI-70 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
P/N:PM1148
MX29LV004C T/B
REV. 1.3, APR. 24, 2006
BLOCK STRUCTURE
Table 1: MX29LV004CT SECTOR ARCHITECTURE
Sector
Sector Size
Address range
Sector Address
Byte Mode
Byte Mode (x8)
A18 A17
A16
A15
A14
A13
SA0
64Kbytes
00000-0FFFF
0
0
0
X
X
X
SA1
64Kbytes
10000-1FFFF
0
0
1
X
X
X
SA2
64Kbytes
20000-2FFFF
0
1
0
X
X
X
SA3
64Kbytes
30000-3FFFF
0
1
1
X
X
X
SA4
64Kbytes
40000-4FFFF
1
0
0
X
X
X
SA5
64Kbytes
50000-5FFFF
1
0
1
X
X
X
SA6
64Kbytes
60000-6FFFF
1
1
0
X
X
X
SA7
32Kbytes
70000-77FFF
1
1
1
0
X
X
SA8
8Kbytes
78000-79FFF
1
1
1
1
0
0
SA9
8Kbytes
7A000-7BFFF
1
1
1
1
0
1
SA10
16Kbytes
7C000-7FFFF
1
1
1
1
1
X
Sector
Sector Size
Address range
Sector Address
Byte Mode
Byte Mode (x8)
A18 A17
A16
A15
A14
A13
SA0
16Kbytes
00000-03FFF
0
0
0
0
0
X
SA1
8Kbytes
04000-05FFF
0
0
0
0
1
0
SA2
8Kbytes
06000-07FFF
0
0
0
0
1
1
SA3
32Kbytes
08000-0FFFF
0
0
0
1
X
X
SA4
64Kbytes
10000-1FFFF
0
0
1
X
X
X
SA5
64Kbytes
20000-2FFFF
0
1
0
X
X
X
SA6
64Kbytes
30000-3FFFF
0
1
1
X
X
X
SA7
64Kbytes
40000-4FFFF
1
0
0
X
X
X
SA8
64Kbytes
50000-5FFFF
1
0
1
X
X
X
SA9
64Kbytes
60000-6FFFF
1
1
0
X
X
X
SA10
64Kbytes
70000-7FFFF
1
1
1
X
X
X
Table 2: MX29LV004CB SECTOR ARCHITECTURE


Similar Part No. - MX29LV004CTTI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV004B MCNIX-MX29LV004B Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004BQC-55R MCNIX-MX29LV004BQC-55R Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004BQC-70 MCNIX-MX29LV004BQC-70 Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004BQC-90 MCNIX-MX29LV004BQC-90 Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004BQI-70 MCNIX-MX29LV004BQI-70 Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV004CTTI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004T MCNIX-MX26LV004T Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com